Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8852D Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # SP8852D
Description  1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8852D Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SP8852D Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 9Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 10Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 11Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 12Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 13Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 14Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SP8852D
4
ELECTRICAL CHARACTERISTICS
Guaranteed over the full temperature and supply voltage range (unless otherwise stated)
Temperature Tamb for KG parts –55°C and +100 °C
Temperature Tamb for IG parts –40°C and +85°C
Supply Voltage VCC = 4.75V and 5.25V.
Characteristics
Pin
Value
Units
Conditions
Characteristics
Pin
Min
Typ
Max
Units
Conditions
Supply current
15, 26
180
240
mA
RF input sensitivity
13, 14
–5.0
+7.0
dBm
100MHz to 1.7GHz See Fig. 3
RF division ratio
13,14,24
56
16383
Reference division ratio
28, 25
1
1023
Comparison frequency
28,24,25
50
MHz
Reference input frequency
28
10
100
MHz
Reference division ratio
≥2
See Note 1
Reference input voltage
28
0
+6
+10
dBm
Fref/Fpd output voltage high
24, 25
–0.8
Vwrt VCC 2.2K to 0V
Fref/Fpd output voltage low
24, 25
–1.4
Vwrt VCC 2.2K to 0V
Lock detect output voltage
17
300
500
mV
IOUT = 3mA
Charge pump current at
multiplication factor =1
19,20,21
"1.4
"1.5
"1.7
mA
Vpin 20 = Vpin 21
Ipin 19 = 1.6mA
Charge pump current at
multiplication factor =1.5
19,20,21
"2.0
"2.3
"2.5
mA
Vpin 20 = Vpin 21
Ipin 19 = 1.6mA
Charge pump current at
multiplication factor =2.5
19,20,21
"3.4
"3.8
"4.1
mA
Vpin 20 = Vpin 21
Ipin 19 = 1.6mA
Charge pump current at
multiplication factor =4.0
19,20,21
"5.4
"6.1
"6.5
mA
Vpin 20 = Vpin 21
Ipin 19 = 1.6mA
Input bus high logic level
1 –11,38
39,40,44
3.5
V
Input bus low logic level
1–11,38
39,40–44
1
V
Input bus current source
1–11,38
39,40–44
200
mA
VIN = 0V
Input bus current sink
1–11,38
39,40–44
10
mA
VIN = VCC
Up down current matching
20
"5
%
Vpin 20 = Vpin 21
Ipin 19 = 1.6mA
Charge pump reference
voltage
21
VCC – 0.5
V
Ipin 19 = 1.6mA
current multiplication factor 1
Charge pump reference
voltage
21
VCC–1.6
V
Ipin 19 = 1.6mA
current multiplication factor 4
Rset current
19
0.5
2
mA
See Note 2
Rset Voltage
19
1.6
V
Ipin 19 = 1.6 mA
C–lock detect current
18
+10
mA
Vpin18=4.7V
Strobe pulse width
50
nS
Note 3
Data set up time
100
nS
Note 3
Notes:
1. lower reference frequencies may be used if slew rates are maintained.
2. Pin 19 current
multiplication factor must be less than 5mA if charge pump accuracy is to be maintained..
3. Guaranteed but not tested.


Similar Part No. - SP8852D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8852 MITEL-SP8852 Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8852EIGHCAR MITEL-SP8852EIGHCAR Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852EIGHCAR ZARLINK-SP8852EIGHCAR Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8852D

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com