Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8852D Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SP8852D
Description  1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8852D Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SP8852D Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8852D Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SP8852D
12
PACKAGE DETAILS
Dimensions are shown thus: mm (in). For further package information please contact your local Customer Service Centre.
INDEX CORNER
17.27/17.78
(0.680/0.700)
16.33/16.81
(0.643/0.662)
1.02MM/(0.040
I )NOM
 45° AT 3 PLACES
0.51 (0.02) NOM
AT 45
°
12.45/12.95
(0.490/0.510)
0.89(0.035)
03.05/3.43
(0.120/0.135)
HC44 MULTILAYER CERAMIC J LEADED CHIP CARRIER
HEADQUARTERS OPERATIONS
GEC PLESSEY SEMICONDUCTORS
Cheney Manor, Swindon,
Wiltshire United Kingdom SN2 2QW.
Tel: (01793) 518000
Fax: (01793) 518411
GEC PLESSEY SEMICONDUCTORS
P.O. Box 660017 1500 Green Hills Road,
Scotts Valley, California 95067–0017,
United States of America. Tel: (408) 438 2900
Fax: (408) 438 5576
This publication is issued to provide information only, which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any
order or contract nor to be regarded as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability,
performance or suitability of any product or service. The Company reserves the right to alter without prior notice the specification, design, or price of any product or service. Information
concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It
is the user’s responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and
has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and
materials are sold and services provided subject to the Company’s conditions of sale, which are available on request.
E GEC Plessey Semiconductors 1995 Publication No. D.S. 3700 Issue No. 2.5 September 1995
CUSTOMER SERVICE CENTRES
F FRANCE & BENELUX Les Ulis Cedex Tel: (1) 64 46 23 45
Fax: (1) 69 18 90 00
F GERMANY Munich Tel: (089) 3609 06 0 Fax: (089) 3609 06 55
F ITALY Milan Tel: (02) 66040867 Fax: (02) 66040993
F JAPAN Tokyo Tel: (03) 5276–5501 Fax: (03) 5276–5510
F NORTH AMERICA Scotts Valley, USA
Tel: (408) 438 2900 Fax: (408) 438 7023
F SOUTH EAST ASIA Singapore Tel: (65) 3827708 Fax: (65) 3828872
F SWEDEN Stockholm Tel: 46 8 7029770 Fax: 46 8 6404736
F TAIWAN, ROC Taipei Tel: 886 2 5461260 Fax: 886 2 7190260
F UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (01793) 518527/518566 Fax: (01793) 518582
These are supported by Agents and Distributors in major countries world–wide.
TECHNICAL DOCUMENTATION – NOT FOR RESALE. PRINTED IN UNITED KINGDOM


Similar Part No. - SP8852D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8852 MITEL-SP8852 Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8852EIGHCAR MITEL-SP8852EIGHCAR Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852EIGHCAR ZARLINK-SP8852EIGHCAR Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8852D

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com