Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8830BDG Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP8830BDG
Description  1.5GHz 첨 10 Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8830BDG Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP8830BDG Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8830BDG Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8830BDG Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8830BDG Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8830BDG Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8830BDG Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SP8830
Data Sheet
SEMICMF.019
2
Figure 2 - Pin Connections
Electrical Characteristics - Unless otherwise stated, the Electrical Characteristics are guaranteed over specified supply,
frequency and temperature range.
Supply voltage, VCC -4
.75V to +5.25V. Temperature, T
AMB = -55°C to +125°C (A Grade), -40°C to +85°C (B Grade)
Figure 3 - Typical Input Sensitivity
Characteristic
Pin
Value
Units
Conditions
Min.
Typ.
Max.
Supply current, ICC
1
mA
40
50
Input sensitivity, 100MHz to
500MHz
2, 3
100
mV
RMS sinewave, measured in
50
Ω system. See Figs. 3 and 4.
Input impedance (series
equivalent)
2, 3
50
2
pF
See Fig. 5
Output voltage with fIN = 100MHz
Output voltage with fIN = 1500MHz
6, 7
6, 7
0.7
1
0.4
V p-p
V p-p
VCC
INPUT
INPUT
NC
NC
OUTPUT
OUTPUT
GND
1
2
3
4
8
7
6
5
DG8


Similar Part No. - SP8830BDG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8830BDG MITEL-SP8830BDG Datasheet
90Kb / 5P
   1.5GHz 첨 10 Prescaler
More results

Similar Description - SP8830BDG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8830 MITEL-SP8830 Datasheet
90Kb / 5P
   1.5GHz 첨 10 Prescaler
logo
Zarlink Semiconductor I...
SP4642 ZARLINK-SP4642 Datasheet
334Kb / 3P
   1GHz 첨 256 PRESCALER WITH LOW CURRENT AND LOW RADIATION
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
SP8401 ZARLINK-SP8401 Datasheet
345Kb / 4P
   Very Low Phase Noise 300MHz 첨 10/11
logo
List of Unclassifed Man...
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
   500MHz 첨 10/11 ECL Variable Modulus Divider
logo
Exar Corporation
CLC1605 EXAR-CLC1605 Datasheet
1Mb / 21P
   1.5GHz Amplifiers
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
logo
List of Unclassifed Man...
TQ8710 ETC1-TQ8710 Datasheet
85Kb / 6P
   1.5GHz/2.7 Gb/s 1:10 50Ohm Driver/Buffer
logo
Teledyne Technologies I...
TDPL97240 TELEDYNE-TDPL97240 Datasheet
1Mb / 18P
   5 GHz in 10/11 prescaler modulus
May 1, 2023
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com