Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8852DKGHCAR Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # SP8852DKGHCAR
Description  1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8852DKGHCAR Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button SP8852DKGHCAR Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8852DKGHCAR Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8852DKGHCAR Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8852DKGHCAR Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8852DKGHCAR Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8852DKGHCAR Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8852DKGHCAR Datasheet HTML 9Page - Zarlink Semiconductor Inc SP8852DKGHCAR Datasheet HTML 10Page - Zarlink Semiconductor Inc SP8852DKGHCAR Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SP8852D
7
Bit 15
Bit 14
Current Multiplication
Factor
0
0
1.0
0
1
1.5
1
0
2.5
1
1
4.0
Table 1
Pin 19 current
]
Vcc
* 1.6V
R
set
I
pin 19(mA)
multiplication factor
2
p
mA radian
Phase detector gain
+
To allow for control direction changes introduced by the
design of the PLL, bit 12 on the input bus address 0 can be
programmed to reverse the sense of the phase detector by
transposing the Fpd and Fref connections. In order that any
external phase detector will also be reversed by this
programming bit, the Fpd/Fref outputs are also interchanged by
bit 12 as shown in Table 2.
Output for RF Phase Lag
Sense Bit (Bit 12)
Pin 20
1
Current Source
0
Current Sink
Table 2
The Fpd and Fref signals to the phase detector are
available on pin 24 and 25 and may be used to monitor the
frequency input to the phase detector or used in conjunction
with an external phase detector. These outputs may be
programmed by bits 10 and 11 of word 0 according to table
3. State 3 where the outputs are disabled by the lock detect
circuit is useful where the user wishes to use an external
phase detector. The internal phase/frequency detector may
be used to pull the loop into lock and an automatic switch
over to the external phase detector made. When the Fpd/Fref
outputs are to be used at high frequencies, an external pull
down resistor of minimum value 330
W may be connected to
ground to reduce the fall time of the output pulse.
Bit 11
Bit 10
Phase Detector State
0
0
Phase detector enable
Fpd/Fref outputs off
0
1
Phase detector enable
Fpd/Fref outputs on
1
0
Phase detector disable by lock detect
Fpd/Fref outputs on
1
1
Phase detector disabled
Fpd/Fref outputs on
Table 3
The charge pump connections to the loop amplifier consist
of the charge pump output and the charge pump reference.
The matching of the charge pump up and down currents will
only be maintained if the charge pump output is held at a
voltage equal to the charge pump reference using an
operational amplifier to produce a virtual earth condition at pin
20.
The lock detect circuit can drive an LED to give visual
indication of phase lock or provide an indication to the control
system if a pull up resistor is used in place of the LED. A small
capacitor connected from the C–lock detector pin to ground
may be used to delay lock detect indication and remove
glitches produced by momentary phase coincidence during
lock up.
REFERENCE WORD BIT ALLOCATION
0
ADDRESS
BIT 15
NOT USED
PHASE
DETECTOR
SENSE
CONTROL
PHASE
DETECTOR
STATE
CONTROL
see Table 3
TEN BIT REFERENCE COUNTER
29
28
27
26
25
24
23
22 21
20
1
ADDRESS
29
28
27
26
25
24
23
22 21
20
PHASE
DETECTOR
GAIN
CONTROL
see Table 1
M COUNTER
3 BIT A
COUNTER
213
210
211
212
RF DIVISION RATIO BIT ALLOCATION
Fig. 6 Programming data format
see Table 2
PIN 40
BIT 0
PIN 11
BIT 0
PIN 11
BIT 15
PIN 40


Similar Part No. - SP8852DKGHCAR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8852 MITEL-SP8852 Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8852EIGHCAR MITEL-SP8852EIGHCAR Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852EIGHCAR ZARLINK-SP8852EIGHCAR Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8852DKGHCAR

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com