Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8852EIGHCAR Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP8852EIGHCAR
Description  2쨌7GHz Parallel Load Professional Synthesiser
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8852EIGHCAR Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP8852EIGHCAR Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8852EIGHCAR Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8852EIGHCAR Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8852EIGHCAR Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8852EIGHCAR Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8852EIGHCAR Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8852EIGHCAR Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8852EIGHCAR Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8852EIGHCAR Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
SP8852E
Pin
1-11, 40-44
13 (RF INPUT)
14 (RF INPUT)
17 (LOCK DETECT INPUT)
18 (C-LOCK DETECT)
19 (RSET)
20 (CHARGE PUMP OUTPUT)
21 (CHARGE PUMP REF)
22
23
24
FPD if pin 23 is high
FREF if pin 23 is low
25
FPD if pin 23 is low
FREF if pin 23 is high
27 (Ref. oscillator capacitor)
28 (REF IN/XTAL)
29-37
38 (ADDRESS)
39 (STROBE)
Description
These are the inputs to the 16-bit data bus. When pin 38 is high the data goes to the buffers for
the A counter, M counter and phase detector gain. When pin 38 is low the data goes to the buffers
for the reference counter and the phase detector state (see Table 4). Open circuit = 1 (high) on
these pins. Data is transparent from pins to the selected buffers when pin 39 (STROBE) is high
and frozen in buffers when pin 39 is low.
Balanced inputs to the RF preamplifier. For single-ended operation the signal is AC-coupled into
pin 13 with pin 14 AC-decoupled to ground (or vice-versa). Pins 13 and 14 are internally DC
biased.
A current sink into this pin is enabled when the lock detect circuit indicates lock. Used to give
an external indication of phase lock.
A capacitor connected to this point determines the lock detect integrator time constant and can
be used to vary the sensitivity of the phase lock indicator.
An external resistor from pin 19 to VCC sets the charge pump output current.
The phase detector output is a single ended charge pump sourcing or sinking current to the
inverting input of an external loop filter. The direction is controlled by bit 12 of the reference word.
For bit 12 = 1 and FPD or RF phase leads Ref phase pin 20 will sink current (see Table 3).
Connected to the non-inverting input of the loop filter to set the optimum DC bias.
Not Connected.
Not connected.
RF divider output pulses. FPD = RF input frequency/(M.N1A). Pulse width = 8 RF input cycles
(1 cycle of the divide by 8 prescaler output).
Reference divider output pulses. FREF = reference input frequency/R. Pulse width = high period
of Ref input.
Leave open circuit if an external reference is used. See Fig. 5 for typical connection for use as
an onboard crystal oscillator.
This pin is the input buffer amplifier for an external reference signal. This amplifier provides the
active element if an onboard crystal oscillator is used.
Not connected.
Controls which buffer the data on the input bus goes to. Pin 38 high sends data to the RF divider
group of functions. Pin 38 low sends data to the Ref divider group of functions (see Fig. 6). Open
circuit = high.
When pin 39 is high the A, M, and R counters are held in the reset state and the charge pump
output is disabled. The data on the input bus is loaded into the buffers selected by the ADDRESS
input state (pin 38) when pin 39 goes low. When pin 39 is low the data is fixed in the buffers, the
buffers are loaded into the counter and control register, all the counters are active, and the
charge pump is enabled. Open circuit = high.
Table 1 Pin descriptions


Similar Part No. - SP8852EIGHCAR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8852EIGHCAR MITEL-SP8852EIGHCAR Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8852EIGHCAR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com