Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8854EKGHCAR Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP8854EKGHCAR
Description  2.7GHz Parallel Load Professional Synthesiser
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8854EKGHCAR Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP8854EKGHCAR Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8854EKGHCAR Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8854EKGHCAR Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8854EKGHCAR Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8854EKGHCAR Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8854EKGHCAR Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8854EKGHCAR Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8854EKGHCAR Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8854EKGHCAR Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2
SP8854E Preliminary Information
STROBE
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
39
11
10
9
8
7
6
5
4
3
2
1
44
43
42
41
40
INPUT
INTERFACE
48/9
13
14
15
14
VCC
PRESCALER
RF INPUT
0V
PRESCALER
3-BIT
A COUNTER
11-BIT
M COUNTER
B0
B2
B3
B13 B14
B15
LOAD
RF BUFFER
PHASE
DETECTOR
10-BIT REFERENCE DIVIDER
FREF
FPD
REFERENCE
CRYSTAL
REFERENCE
CAPACITOR
28
27
CHARGE PUMP OUTPUT
CHARGE PUMP REFERENCE
LOCK DETECT OUTPUT
RSET
C-LOCK DETECT
FPD*
FREF*
FPD/FREF ENABLE
CONTROL DIRECTION
VCC
VEE
MODULUS
CONTROL
*FREF and FPD outputs are reversed using
the control direction input. The pin allocations
shown are correct when bit 12 is high.
20
21
17
19
18
24
25
22
23
26
16
RF INPUT
BIT 0
38
37
36
35
34
33
32
31
30
29
BIT 9
REFERENCE DIVIDER PROGRAMMING
Figure 2 - Block Diagram


Similar Part No. - SP8854EKGHCAR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8854EKGHCAR MITEL-SP8854EKGHCAR Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8854EKGHCAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
logo
Mitel Networks Corporat...
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com