Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8854EIGHCAR Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # SP8854EIGHCAR
Description  2.7GHz Parallel Load Professional Synthesiser
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8854EIGHCAR Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button SP8854EIGHCAR Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8854EIGHCAR Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8854EIGHCAR Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8854EIGHCAR Datasheet HTML 9Page - Zarlink Semiconductor Inc SP8854EIGHCAR Datasheet HTML 10Page - Zarlink Semiconductor Inc SP8854EIGHCAR Datasheet HTML 11Page - Zarlink Semiconductor Inc SP8854EIGHCAR Datasheet HTML 12Page - Zarlink Semiconductor Inc SP8854EIGHCAR Datasheet HTML 13Page - Zarlink Semiconductor Inc SP8854EIGHCAR Datasheet HTML 14Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
10
SP8854E Preliminary Information
its frequency band. The charge pump pulse current is determined
by the current fed into pin 19 and is approximately equal to pin
19 current when the programmed multiplication ratio is 1. The
circuit diagram Fig. 7e shows the internal components on pin 19
which mirror the input current into the charge pump. The voltage
at pin 19 will be approximately 1·6V above ground due to two
VBE drops in the current mirror. This voltage will exhibit a
negative temperature coefficient, causing the charge pump
current to change with chip temperature by up to 10% over the
full military temperature range if the current programming
resistor is connected to VCC as shown in the application
diagram, Fig. 5. In critical applications where this change in
charge pump current would be too large the resistor to pin 19
could be increased in value and connected to a higher supply
to reduce the effect of VBE variation on the current level. A
suitable resistor connected to a 30V supply would reduce the
variation in pin 19 current due to temperature to less than 1·5%.
Alternatively a stable current source could be used to set pin 19
current.
The charge pump output on pin 20 will only produce
symmetrical up and down currents if the voltage is equal to that
on the voltage reference pin 21. In order to ensure that this
voltage relationship is maintained, an operational amplifier
must be used as shown in the typical application Fig. 5. Using
this configuration pin 20 voltage will be forced to be equal to that
on pin 21 since the operational amplifier differential input
voltage will be no more than a few millivolts (the input offset
voltage of the amplifier).
When the synthesiser is first switched on or when a frequency
outside the VCO range is programmed, the amplifier output will
limit, allowing pin 20 voltage to differ from that on pin 21. As soon
as an achievable frequency value is programmed and the
amplifier output starts to slew the correct voltage relationship
between pin 20 and 21 will be restored. Because of the
importance of voltage equality between the charge pump
reference and output pins, a resistor should never be connected
in series with the operational amplifier inverting input and pin 20,
as is the case with a phase detector giving voltage outputs. Any
current drawn from the charge pump reference pin should be
limited to the few microamps input current of a typical operational
amplifier. A resistor between the charge pump reference and
the non-inverting input could be added to provide isolation but
the value should not be so high that more than a few millivolts
drop are produced by the amplifier input current.
When selecting a suitable amplifier for the loop filter, a
number of parameters are important; input offset voltage in
most designs is only a few millivolts and an offset of 5mV will
produce a mismatch in the up and down currents of about 4%
with the charge pump multiplication factor set at 1. The
mismatch in up and down currents caused by input offset
voltage will be reduced in proportion to the charge pump
multiplication factor in use.
If the linearity of the phase detector about the normal phase
locked operating point is critical, the input offset voltage of most
amplifiers can be adjusted to near zero by means of a
potentiometer. The charge pump reference voltage on pin 21 is
about 1·3V below the positive supply and will change with
temperature and with the programmed charge pump
multiplication factor. In many cases it is convenient to operate
the amplifier with the negative power supply pin connected to
0V as this removes the need for an additional power supply. The
amplifier selected must have a common mode range to within
3·4V (minimum charge pump reference voltage) of the negative
supply pin to operate correctly without a negative supply. Most
popular amplifiers can be operated from a 30V positive supply
to give a wide VCO voltage drive range and have adequate
common mode range to operate with inputs at 13·4V with
respect to the negative supply.
Input bias and offset current levels to most operational
amplifiers are unlikely to be high enough to significantly affect
the accuracy of the charge pump circuit currents but the bias
current can be important in reducing reference side bands and
local oscillator drift during frequency changes.
When the loop is locked, the charge pump produces only
very narrow pulses of sufficient width to make up for any charge
lost from the loop filter components during the reference cycle.
The charge lost will be due to leakage from the charge pump
output pin and to the amplifier input bias current, the latter
usually being more significant. The result of the lost charge is
a sawtooth ripple on the VCO control line which frequency
modulates the phase locked oscillator at the reference frequency
and its harmonics. A similar effect will occur whenever the
strobe input is taken high during a programming sequence. In
this case the charge pump is disabled when the strobe input is
high and any leakage current will cause the oscillator to drift off
frequency. To reduce this effect, the duration of the strobe pulse
should be minimised.
FPD and FREF Outputs
These outputs provide access to the outputs from the RF
and reference dividers and are provided for monitoring pur-
poses during product development or test, and for connection
of an external phase detector if required. The output circuit is of
ECL type, the circuit diagram being shown in Fig. 7g. The
outputs can be enabled or disabled under software control by
the address 0 control word but are best left in the disabled state
when not required as the fast edge speeds on the output can
increase the level of reference sidebands on the synthesised
oscillator.
The emitter follower outputs have no internal pulldown
resistor to save current and if the outputs are required an
external pulldown resistor should be fitted. The value should be
kept as high as possible to reduce supply current, about 2·2k
being suitable for monitoring with a high impedance oscillo-
scope probe or for driving an AC-coupled 50
Ωload. A minimum
value for the pulldown resistor is 330
Ω.
When the FPD and FREF outputs are disabled the output level
will be at the logic low level of about 3·5V so that the additional
supply current due to the load resistors will be present even
when the outputs are disabled.
Reference Input
The reference input circuit functions as an input amplifier or
crystal oscillator. When an external reference signal is used this
is simply AC-coupled to pin 28, the base of the input emitter
follower. When a low phase noise synthesiser is required the
reference signal is critical since any noise present here will be
multiplied by the loop. To obtain the lowest possible phase
noise from the SP8854E it is best to use the highest possible
reference input frequency and to divide this down internally to
obtain the required frequency at the phase detector. The
amplitude of the reference input is also important, and a level
close to the maximum will give the lowest noise.
When the use of a low reference input frequency say 4 to
10MHz is essential some advantage may be gained by using a
limiting amplifier such as a CMOS gate to square up the
reference input. In cases where a suitable reference signal is
not available, it may be more convenient to use the input buffer
as a crystal oscillator in this case the emitter follower input
transistor is connected as a Colpitts oscillator with the crystal
connected from the base to ground and with the feedback
necessary for oscillation provided by a capacitor tap at the
emitter. The arrangement is shown inset in Fig. 5.


Similar Part No. - SP8854EIGHCAR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8854EIGHCAR MITEL-SP8854EIGHCAR Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8854EIGHCAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
logo
Mitel Networks Corporat...
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com