Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8858 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SP8858
Description  1쨌5GHz Professional Synthesiser
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8858 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SP8858 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8858 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8858 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8858 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8858 Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8858 Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8858 Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8858 Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8858 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
SP8858
Pin
Description
FPD = M divider output pulses = RF input frequency 4(MN1A) when SENSE bit in the programming
word = ‘0’. When SENSE bit = 1, this pin is FREF = R divider output pulses = reference input
frequency 4R. (see Data Entry and Control description and Fig. 6).
FREF = R divider output pulses when SENSE bit in the programming word = ‘0’. When SENSE
bit = 1, this pin is FPD = M divider output pulses (see Data Entry and Control description and
Fig. 6).
With this pin held high the device is in the power saving standby mode. The serial interface shift
register and data buffers remain active at all times so that the device can still be programmed in
this mode.
Balanced inputs to the RF preamplifier. For single ended operation the signal is AC coupled into
pin 11 with pin 10 decoupled to ground or vice-versa.
The logic level on this input determines which of the two words stored in the internal buffers is used
to reload the A and M dividers at the end of the count cycle. With F1/F2 high the F1 buffer is selected.
Serial data on this line is clocked into a shift register under control of CLOCK and ENABLE.
Clocks the data into the shift register.
Logic high on this pin allows data to be clocked into the shift register and the subsequent falling edge
loads the buffer chosen by the LSBs of the programmed word. The clock input is ignored when
ENABLE is low.
This pin is the input to a buffer amplifier if an external reference signal is provided. Alternatively,
the amplifier provides the active element for a reference oscillator if a quartz crystal is connected
at this point (see Applications).
Leave open circuit if an external reference is used or connect load capacitors for the chosen crystal
(see Applications)
An external resistor connected between this pin and VCC sets the charge pump output current. A
multiplication factor can also be programmed into the device (see Table 3)
The phase detector output is a single-ended charge pump sourcing or sinking current to the
inverting input of an external loop filter.
Connected to the non-inverting input of the loop filter to set the DC bias.
A current sink into this pin is enabled when the lock detect circuit indicates lock. Used to give
external indication of phase lock.
A capacitor connected to this point determines the lock detect integrator time constant and can be
used to vary the sensitivity of the phase lock indicator.
Pre-amp and prescaler supply.
Oscillator supply.
Charge pump supply.
ECL supply.
4
5
6 (POWER DOWN)
10, 11 (RF INPUT)
13 (F1/F2)
14 (DATA)
15 (CLOCK)
16 (ENABLE)
20 (XTAL 2)
21 (XTAL 1)
24 (RPD)
25 (CP OUTPUT)
26 (CP REF)
27 (LOCK DETECT)
28 (CD)
9 (VCC1), 12 (VEE1)
18 (VCC2), 19 (VEE2)
23 (VCC3), 2 (VEE3)
8 (VCC4), 7 (VEE4)
Table 1 Pin descriptions


Similar Part No. - SP8858

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8858 MITEL-SP8858 Datasheet
275Kb / 17P
   1쨌5GHz Professional Synthesiser
SP8858IGHCAR MITEL-SP8858IGHCAR Datasheet
275Kb / 17P
   1쨌5GHz Professional Synthesiser
SP8858IGHPAS MITEL-SP8858IGHPAS Datasheet
275Kb / 17P
   1쨌5GHz Professional Synthesiser
SP8858MGHCAR MITEL-SP8858MGHCAR Datasheet
275Kb / 17P
   1쨌5GHz Professional Synthesiser
More results

Similar Description - SP8858

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8858 MITEL-SP8858 Datasheet
275Kb / 17P
   1쨌5GHz Professional Synthesiser
SP8853A MITEL-SP8853A Datasheet
210Kb / 14P
   1쨌3GHz Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
   1.3 GHz Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com