Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8858IGHPAS Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # SP8858IGHPAS
Description  1쨌5GHz Professional Synthesiser
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8858IGHPAS Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button SP8858IGHPAS Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8858IGHPAS Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8858IGHPAS Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8858IGHPAS Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8858IGHPAS Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8858IGHPAS Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8858IGHPAS Datasheet HTML 9Page - Zarlink Semiconductor Inc SP8858IGHPAS Datasheet HTML 10Page - Zarlink Semiconductor Inc SP8858IGHPAS Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
SP8858
G2
G1
218 217 216 215 214 213 212 211 210 29
28
27
26
25
24
23
22
21
20
C2
C1
MSB
LSB
PHASE
DETECTOR GAIN
CONTROL
(SEE TABLE 3)
PHASE
DETECTOR
SENSE BIT
15-BIT PROGRAMMABLE COUNTER (M COUNTER)
4-BIT
PROGRAMMABLE
COUNTER
(A COUNTER)
CONTROL
LOGIC
(SEE
TABLE 3)
Fig. 6a F1 or F2 word, bit allocation with 416/17 selected
G2
G1
217 216 215 214 213 212 211 210 29
28
27
26
25
24
23
22
21
20
C2
C1
MSB
LSB
PHASE
DETECTOR GAIN
CONTROL
(SEE TABLE 3)
15-BIT PROGRAMMABLE COUNTER (M COUNTER)
3-BIT
PROGRAMMABLE
COUNTER
(A COUNTER)
CONTROL
LOGIC
(SEE
TABLE 3)
Fig. 6b F1 or F2 word, bit allocation with 48/9 selected
0
MUST BE ZERO
PD1 PD2
212 211 210 29
28
27
26
25
24
23
22
21
20
C2
C1
MSB
LSB
PHASE
DETECTOR
BISTABLE
CONTROL
(SEE TABLE 4)
13-BIT PROGRAMMABLE COUNTER (R COUNTER)
CONTROL
LOGIC
(SEE
TABLE 3)
Fig. 6c Reference word bit allocation
DUAL MODULUS
N RATIO SELECT
0 = 416/17
1 = 48/9
22 BITS
0 0
22 BITS
1 0
16 BITS
1 1
22 CLOCKS
22 CLOCKS
16 CLOCKS
F1 WORD
F2 WORD
REF WORD
DATA LOADS ON FALLING EDGES
DATA
CLOCK
ENABLE
Fig. 6d Data load sequence
PHASE
DETECTOR
SENSE BIT
Fig. 6 Data formats


Similar Part No. - SP8858IGHPAS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8858IGHPAS MITEL-SP8858IGHPAS Datasheet
275Kb / 17P
   1쨌5GHz Professional Synthesiser
More results

Similar Description - SP8858IGHPAS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8858 MITEL-SP8858 Datasheet
275Kb / 17P
   1쨌5GHz Professional Synthesiser
SP8853A MITEL-SP8853A Datasheet
210Kb / 14P
   1쨌3GHz Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
   1.3 GHz Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com