Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

155009ZXU Datasheet(PDF) 1 Page - Littelfuse

Part # 155009ZXU
Description  For Low Voltage 3AG or SFE Fuse Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

155009ZXU Datasheet(HTML) 1 Page - Littelfuse

  155009ZXU Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS:
Electrical: Intended for use at 32 volts or less with fuses rated up to 20
amperes when the proper spring is installed for fuse size.
Molded Parts: Black Thermoplastic (UL 94V2).
Body halves have a .14" diameter hole for insulated wire.
Ambient Temperature: – 40°C to +75°C.
Contact Rivet: Brass. Tin finish. Designed to accommodate #14 AWG
stranded wire.
Assembled: Includes fuse listed and 19" loop of #14 AWG red vinyl insulat-
ed wire.
Unassembled: For assembly to #14 AWG wire.
OPTIONS:
150 215 is similar to 155 120A except no fuse is supplied. It is intended for
use with 3AG fuses rated up to 20 amperes.
UNIVERSAL IN-LINE FUSEHOLDER 155 100:
Supplied with 8" loop of #14 AWG red vinyl insulated wire and two springs in
different lengths to accommodate SFE sized fuses.
* Please refer to Fuseology section for information on proper fuseholder de-rating.
SPECIFICATIONS:
Electrical: Intended for use at 32 volts or less with fuses rated up to 20
amperes when the proper spring is installed for full size.
Molded Parts: Body and knob are Black Thermoset (UL 94V0). Both
body and knob have a .20" diameter hole for insulated wire.
Knob: Bayonet-lock type metal insert.
Ambient Temperature: – 40°C to +125°C.
Contact Rivet: Brass. Tin plated. Designed to accommodate #14 AWG
stranded wire.
Assembled: Includes fuse listed and 19" loop of #14 AWG red vinyl
insulated wire.
Unassembled: For assembly to #14 AWG wire.
OPTIONS:
150 079 is similar to 155 020A except no fuse is supplied. It is intended
for use with 3AG fuses rated up to 20 amperes.
UNIVERSAL IN-LINE FUSEHOLDER 150 145:
Supplied with 15" loop of #14 AWG red vinyl insulated wire and three
springs in different lengths to accommodate SFE sized fuses.
Fuseholders with other wire sizes or lengths available on special order.
Unassembled
Assembled
Catalog Number
For Fuse Size
Catalog Number
Fuse Installed
155 004U
1
/4" x 5/8"
155 004A
SFE 4
155 006U
1
/4" x 3/4"
155 006A
SFE 6
155 07.5U
1
/4" x 7/8"
155 07.5A
SFE 71/2
155 009U
1
/4" x 7/8"
155 009A
SFE 9
155 014U
1
/4" x 11/16"
155 014A
SFE 14
155 020U
1
/4" x 11/4"
155 020A
SFE 20
ORDERING INFORMATION:
17.53 (.69")
52.83
(2.08")
155 100U Series
155 100A Series
155 000U Series
155 000A Series
* Please refer to Fuseology section for information on proper fuseholder de-rating.
2AG or 5 x 20mm Inline Fuseholders
SPECIFICATIONS:
Electrical: This fuseholder, part number 150274, is intended for use with
2AG and 5 x 20mm fuses. Maximum current ratings are 5 amperes at 32V for
the 2AG size fuses and 10 amperes at 32V for the 5 x 20mm size fuses.
Body: Black Thermoplastic.
Terminals: Brass.
Wire: 16 Awg size; nominal o.d. 0.104"; color red.
Lead Pull Test: Will withstand 10 lb. pull.
Ambient Temperature: – 40°C to +80°C.
ORDERING INFORMATION:
Catalog Number: 150 274
* Please refer to Fuseology section for information on proper fuseholder de-rating.
WIRE LENGTH: 13" 0.5"
46.74
(1.84")
10.67 (.42") DIA.
+
Unassembled
Assembled
Catalog Number
For Fuse Size
Catalog Number
Fuse Installed
155 104U
1
/4" x 5/8"
155 104A
SFE 4
155 106U
1
/4" x 3/4"
155 106A
SFE 6
155 17.5U
1
/4" x 7/8"
155 17.5A
SFE 71/2
155 109U
1
/4" x 7/8"
155 109A
SFE 9
155 114U
1
/4" x 11/16"
155 114A
SFE 14
155 120U
1
/4" x 11/4"
155 120A
SFE 20
ORDERING INFORMATION:
55.63
(2.19")
15.24 (.60")
478
www .littelfuse .com
Fuseholders
Twist-Lock In-Line Type
For Low Voltage 3AG or SFE Fuse Applications
Pb
RoHS
Pb
RoHS
Heavy-Duty Bayonet Knob In-Line Type
Pb
RoHS


Similar Part No. - 155009ZXU

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1550091 TURCK-1550091 Datasheet
243Kb / 2P
   Inductive Sensor
11/07/2023
logo
Littelfuse
155009U LITTELFUSE-155009U Datasheet
85Kb / 1P
   Fuseholders - For Low Voltage 3AG or SFE Fuse Applications
More results

Similar Description - 155009ZXU

ManufacturerPart #DatasheetDescription
logo
Littelfuse
155104U LITTELFUSE-155104U Datasheet
85Kb / 1P
   Fuseholders - For Low Voltage 3AG or SFE Fuse Applications
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
logo
Keystone Electronics Co...
3529 KEYSTONE-3529 Datasheet
195Kb / 1P
   3AG PC FUSE CLIP
8.30.82
logo
Littelfuse
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
0375012.M LITTELFUSE-0375012.M Datasheet
264Kb / 1P
   3AG SLO-BLO FUSE, M-PACKED
345101 LITTELFUSE-345101 Datasheet
80Kb / 1P
   FOR 3AG, 5 x 20mm, OR MIDGET FUSES
286 LITTELFUSE-286 Datasheet
114Kb / 1P
   Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
   Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
03440601Z LITTELFUSE-03440601Z Datasheet
561Kb / 1P
   344/348 Series Blown Fuse Indicating / Low Profile Holders for 3AB/3AG Fuses
Revised: 05/20/19
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com