Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX964EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX964EEE
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX964EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX964EEE Datasheet HTML 1Page - Maxim Integrated Products MAX964EEE Datasheet HTML 2Page - Maxim Integrated Products MAX964EEE Datasheet HTML 3Page - Maxim Integrated Products MAX964EEE Datasheet HTML 4Page - Maxim Integrated Products MAX964EEE Datasheet HTML 5Page - Maxim Integrated Products MAX964EEE Datasheet HTML 6Page - Maxim Integrated Products MAX964EEE Datasheet HTML 7Page - Maxim Integrated Products MAX964EEE Datasheet HTML 8Page - Maxim Integrated Products MAX964EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +3.0V, CLOAD = 5pF, 5mV of overdrive, TA = +25°C, unless otherwise noted.)
0
10 20
304050 60 70
80
90 100
INPUT OVERDRIVE (mV)
PROPAGATION DELAY
vs. INPUT OVERDRIVE
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.5
7.0
tPD-
tPD+
5.0
-40
85
TEMPERATURE (°C)
20
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
-20
0
60
40
PROPAGATION DELAY
vs. TEMPERATURE
tPD+
tPD-
0
120
CAPACITIVE LOAD (pF)
60
20
40
100
80
PROPAGATION DELAY
vs. CAPACITIVE LOAD
8
7
6
5
4
tPD+
tPD-
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
5.0
3.0
4.0
6.0
PROPAGATION DELAY
vs. SUPPLY VOLTAGE
5.0
5.5
6.0
tPD+
tPD-
26
SUPPLY VOLTAGE (V)
5
6.0
6.5
7.0
7.5
8.0
34
MAX961/MAX963
SUPPLY CURRENT PER COMPARATOR
vs. SUPPLY VOLTAGE
TA = +85°C
TA = -40°C
TA = +25°C
1
10
100
1000
10,000
SOURCE CURRENT (µA)
OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
2.50
2.55
2.60
2.65
2.70
2.80
2.75
TA = -40°C
TA = +25°C
TA = +85°C
1
10
100
1000
10,000
SINK CURRENT (µA)
OUTPUT LOW VOLTAGE
vs. SINK CURRENT
0
0.1
0.2
0.3
0.4
0.5
TA = -40°C
TA = +85°C
TA = +25°C
3
4
5
6
7
26
SUPPLY VOLTAGE (V)
5
34
MAX962/MAX964
SUPPLY CURRENT PER COMPARATOR
vs. SUPPLY VOLTAGE
TA = -40°C
TA = +85°C
TA = +25°C
3
4
5
6
7
8
9
26
SUPPLY VOLTAGE (V)
5
34
MAX997/MAX999
SUPPLY CURRENT PER COMPARATOR
vs. SUPPLY VOLTAGE
TA = -40°C
TA = +85°C
TA = +25°C


Similar Part No. - MAX964EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX964EEE MAXIM-MAX964EEE Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX964EEE MAXIM-MAX964EEE Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
More results

Similar Description - MAX964EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
logo
3PEAK INC.
TP1961 3PEAK-TP1961 Datasheet
1Mb / 18P
   7ns, 1/2/4, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX975 MAXIM-MAX975_07 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com