Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82N25-T92-O-B Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 82N25-T92-O-B
Description  VOLTAGE DETECTORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82N25-T92-O-B Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 82N25-T92-O-B Datasheet HTML 7Page - Unisonic Technologies 82N25-T92-O-B Datasheet HTML 8Page - Unisonic Technologies 82N25-T92-O-B Datasheet HTML 9Page - Unisonic Technologies 82N25-T92-O-B Datasheet HTML 10Page - Unisonic Technologies 82N25-T92-O-B Datasheet HTML 11Page - Unisonic Technologies 82N25-T92-O-B Datasheet HTML 12Page - Unisonic Technologies 82N25-T92-O-B Datasheet HTML 13Page - Unisonic Technologies 82N25-T92-O-B Datasheet HTML 14Page - Unisonic Technologies 82N25-T92-O-B Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 17
www.unisonic.com.tw
QW-R502-057,B
TYPICAL PERFORMANCE CHARACTERICS (Cont.)
(2) SUPPLY CURRENT vs. INPUT VOLTAGE
02
2.5
82N11
3
1
4
5
0
3.0
3.5
2.0
1.5
6
Input Voltage, VIN (V)
0.5
1.0
25℃
Ta=85℃
-40℃
02
2.5
82N10
3
1
4
5
0
3.0
3.5
2.0
1.5
6
Input Voltage, VIN (V)
0.5
1.0
25℃
Ta=85℃
-40℃
02
2.5
82N12
3
1
4
5
0
3.0
3.5
2.0
1.5
6
Input Voltage, VIN (V)
0.5
1.0
25℃
Ta=85℃
-40℃
Input Voltage, VIN (V)
02
2.5
82N20
4
6
0
3.0
3.5
2.0
1.5
8
0.5
1.0
25℃
Ta=85℃
-40℃
10
Input Voltage, VIN (V)
02
2.5
82N22
4
6
0
3.0
3.5
2.0
1.5
8
0.5
1.0
25℃
Ta=85℃
-40℃
10
02
2.5
82N23
4
6
0
3.0
3.5
2.0
1.5
8
Input Voltage, VIN (V)
0.5
1.0
25℃
Ta=85℃
-40℃
10


Similar Part No. - 82N25-T92-O-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
82N25 UTC-82N25 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
More results

Similar Description - 82N25-T92-O-B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com