Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY329-1500 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BY329-1500
Description  Damper diode fast, high-voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY329-1500 Datasheet(HTML) 4 Page - NXP Semiconductors

  BY329-1500 Datasheet HTML 1Page - NXP Semiconductors BY329-1500 Datasheet HTML 2Page - NXP Semiconductors BY329-1500 Datasheet HTML 3Page - NXP Semiconductors BY329-1500 Datasheet HTML 4Page - NXP Semiconductors BY329-1500 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Product specification
Damper diode
BY329-1500, BY329-1500S
fast, high-voltage
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.8. SOD59 (TO220AC). pin 1 connected to mounting base.
Notes
1. Refer to mounting instructions for TO220 envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
0,9 max (2x)
13,5
min
5,08
12
September 1998
4
Rev 1.100


Similar Part No. - BY329-1500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY329-1500 PHILIPS-BY329-1500 Datasheet
35Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY329-1500S PHILIPS-BY329-1500S Datasheet
35Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results

Similar Description - BY329-1500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
BY479X-1700 PHILIPS-BY479X-1700 Datasheet
42Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.200
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com