Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82N34-T92-O-B Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 82N34-T92-O-B
Description  VOLTAGE DETECTORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82N34-T92-O-B Datasheet(HTML) 4 Page - Unisonic Technologies

  82N34-T92-O-B Datasheet HTML 1Page - Unisonic Technologies 82N34-T92-O-B Datasheet HTML 2Page - Unisonic Technologies 82N34-T92-O-B Datasheet HTML 3Page - Unisonic Technologies 82N34-T92-O-B Datasheet HTML 4Page - Unisonic Technologies 82N34-T92-O-B Datasheet HTML 5Page - Unisonic Technologies 82N34-T92-O-B Datasheet HTML 6Page - Unisonic Technologies 82N34-T92-O-B Datasheet HTML 7Page - Unisonic Technologies 82N34-T92-O-B Datasheet HTML 8Page - Unisonic Technologies 82N34-T92-O-B Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 17
www.unisonic.com.tw
QW-R502-057,B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
12
V
Output Current
IOUT
50
mA
Output Voltage
VOUT
Vss-0.3 ~ VIN+0.3
V
SOT-23
150
SOT-89
500
Power Dissipation
TO-92
PD
300
mW
Operating Temperature
TOPR
-40 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note: 1.Absolute maximum ratings are those values beyond which the device which the device could be permanently
damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -40℃~+85℃, characteristic and correlation with static process control.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified.)
Detection voltage (0.9V)
PARAMETER
SYMBOL
CIRCUIT TEST CONDITONS
MIN
TYP
MAX.
UNIT
Detect Voltage (Note1)
VDF
1
VDF×0.98
VDF
(note2)
VDF×1.02
V
Hysteresis Range
VHYS
1
VDF×0.02 VDF×0.05 VDF×0.08
V
VIN =1.5V
0.7
2.3
µA
Supply Current
ISS
2
VIN =5V
1.1
3.6
µA
Operating Voltage
VIN
1
0.7
6.0
V
Output Current
IOUT
3
VDS=0.5V, VIN=0.7V
0. 1
0.8
mA
Temperature Characteristics
VDF
TOPR·VDF
-40 ≤T
OPR≤85℃
±100
ppm/℃
Transient Delay Time
tDLY
4
0.2
ms
Detection voltage (1.0V ~ 1.5V)
PARAMETER
SYMBOL
CIRCUIT TEST CONDITONS
MIN
TYP
MAX.
UNIT
Detect Voltage (Note1)
VDF
1
VDF×0.98
VDF
(note2)
VDF×1.02
V
Hysteresis Range
VHYS
1
VDF×0.02 VDF×0.05 VDF×0.08
V
VIN =1.5V
0.7
2.3
µA
Supply Current
ISS
2
VIN =5V
1.1
3.6
µA
Operating Voltage
VIN
1
0.7
6.0
V
Output Current
IOUT
3
VDS=0.5V, VIN=1.0V
0.85
2.7
mA
Temperature Characteristics
VDF
TOPR·VDF
-40 ≤T
OPR≤85℃
±100
ppm/℃
Transient Delay Time
tDLY
4
0.2
ms
Detection voltage (1.6V ~ 1.9V)
PARAMETER
SYMBOL CIRCUIT TEST CONDITONS
MIN
TYP
MAX.
UNIT
Detect Voltage(Note1)
VDF
1
VDF×0.98
VDF
(note2)
VDF×1.02
V
Hysteresis Range
VHYS
1
VDF×0.02 VDF×0.05 VDF×0.08
V
VIN =1.5V
0.7
2.3
µA
Supply Current
ISS
2
VIN =5V
1.1
3.6
µA
Operating Voltage
VIN
1
0.7
10
V
Output Current
IOUT
3
VDS=0.5V, VIN=1.0V
1.0
2.2
mA
Temperature Characteristics
VDF
TOPR·VDF
-40 ≤T
OPR≤85℃
±100
ppm/℃
Transient Delay Time
tDLY
4
0.2
ms


Similar Part No. - 82N34-T92-O-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
82N34 UTC-82N34 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
More results

Similar Description - 82N34-T92-O-B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com