Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

216315P Datasheet(PDF) 2 Page - Littelfuse

Part # 216315P
Description  5 x 20 mm Fast-Acting Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

216315P Datasheet(HTML) 2 Page - Littelfuse

  216315P Datasheet HTML 1Page - Littelfuse 216315P Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
424
www .littelfuse .com
5 x 20 mm Fast-Acting Fuse 216P Series
RoHS
®
®
Pb
0216 000P
0216.100 XEP
0216.050 XEP
to
40
20+0.5
22.5 MAX
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
6.0 MAX
0216016.XEP
0216001.XEP
to
0.65*
0.65
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
Agency Approvals
Agency Approvals
Ampere Range
®
®
Certificate No.
2003010207079960
50mA – 800mA
2002010207007594
1A – 6.3A
Certificate No.
SU05001-2013
1A – 10A
Recognised File No. E10480
Guide No.
JDYX2
File No.
029862
Acc. Class No.
LR1422-30
Licence No.
KM41462
1A – 6.3A
File No.
9851193, 0149272,
0147099 and 312378,
508639, 601025
Certificate No.
Cartridge
NBK250702-E10480 A & C
NBK250702-E10480 E
Leaded
NBK250702-E10480 B & D
NBK250702-E10480 F
1A – 10A
50mA – 10A
50mA – 10A,
16A
50mA – 16A
Designed to IEC Standard
CURRENT IN AMPERES
0.001
0.01
0.1
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Average Time Current Curves
Licence No.
40013834
50mA – 6.3A
8A - 10A*
Licence No.
40016442
12.5A*
V
DE
VDE
*Approval for cartridge versions only


Similar Part No. - 216315P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
216315 LITTELFUSE-216315 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results

Similar Description - 216315P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
02351.25HXE- LITTELFUSE-02351.25HXE- Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0235.100HXE LITTELFUSE-0235.100HXE Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0216.050HXP LITTELFUSE-0216.050HXP Datasheet
344Kb / 4P
   216 Series, 5 x 20 mm, Fast-Acting Fuse
0217.032HXP LITTELFUSE-0217.032HXP Datasheet
232Kb / 4P
   217 Series, 5 x 20 mm, Fast-acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com