Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC0513-391 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VC0513-391
Description  Medium Power Axial Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VC0513-391 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VC0513-391 Datasheet HTML 1Page - List of Unclassifed Manufacturers VC0513-391 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECM Medium Power Axial Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
RDC
MAX
(
Ω)
IDC
ISAT
(A)
IDC
IN
(A)
VC0513-3R9
3.9
K
0.019
7.30
1.28
VC0513-4R7
4.7
K
0.022
6.30
1.28
VC0513-5R6
5.6
K
0.024
5.60
1.28
VC0513-6R8
6.8
K
0.026
5.30
1.28
VC0513-8R2
8.2
K
0.028
4.50
1.28
VC0513-100
10
K
0.033
4.10
1.28
VC0513-120
12
K
0.037
3.60
1.28
VC0513-150
15
K
0.040
3.30
1.28
VC0513-180
18
K
0.044
3.00
1.28
VC0513-220
22
K
0.050
2.70
1.28
VC0513-270
27
K
0.058
2.50
1.28
VC0513-330
33
K
0.075
2.20
1.08
VC0513-390
39
K
0.094
1.00
0.804
VC0513-470
47
K
0.109
1.80
0.804
VC0513-560
56
K
0.140
1.60
0.804
VC0513-680
68
K
0.145
1.50
0.804
VC0513-820
82
K
0.152
1.40
0.804
VC0513-101
100
K
0.208
1.20
0.632
VC0513-121
120
K
0.283
1.10
0.508
VC0513-151
150
K
0.340
1.00
0.508
VC0513-181
180
K
0.362
0.95
0.508
VC0513-221
220
K
0.430
0.86
0.508
VC0513-271
270
K
0.557
0.77
0.400
VC0513-331
330
K
0.665
0.70
0.400
VC0513-391
390
K
0.772
0.64
0.400
VC0513-471
470
K
1.15
0.59
0.315
VC0513-561
560
K
1.27
0.54
0.315
VC0513-681
680
K
1.61
0.49
0.250
VC0513-821
820
K
1.96
0.44
0.200
VC0513-102
1000
K
2.30
0.40
0.200
VC0513-122
1200
K
2.65
0.35
0.200
VC0513-152
1500
K
3.45
0.33
0.158
VC0513-182
1800
K
4.03
0.29
0.158
VC0513-222
2200
K
4.48
0.27
0.158
VC0513-272
2700
K
5.90
0.24
0.125
VC0513-332
3300
K
6.56
0.22
0.125
VC0513-392
3900
K
8.63
0.20
0.100
VC0513-472
4700
K
10.50
0.18
0.100
VC0513-562
5600
K
13.90
0.166
0.082
VC0513-682
6800
K
16.30
0.151
0.082
VC0513-822
8200
K
20.80
0.136
0.065
VC0513-103
10000
K
26.40
0.125
0.050
VC0513-123
12000
K
29.90
0.114
0.050
VC0513-153
15000
K
42.50
0.098
0.039
VC0513-183
18000
K
48.30
0.091
0.039
TOLERANCE: K=10%.


Similar Part No. - VC0513-391

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
VC0513-391 ECM-VC0513-391 Datasheet
57Kb / 2P
   Medium Power Axial Inductors
More results

Similar Description - VC0513-391

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
VC0513 ECM-VC0513 Datasheet
57Kb / 2P
   Medium Power Axial Inductors
logo
Bourns Electronic Solut...
LPA0618-100KL BOURNS-LPA0618-100KL_09 Datasheet
92Kb / 1P
   Axial Power Inductors
LPA0618-100KL BOURNS-LPA0618-100KL Datasheet
150Kb / 1P
   Axial Power Inductors
logo
Tyco Electronics
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
logo
API Delevan
2474R API-2474R Datasheet
1Mb / 1P
   Axial Lead Power Inductors
logo
Bel Fuse Inc.
SFAPI BEL-SFAPI Datasheet
1Mb / 6P
   Fixed Axial Power Inductors
Dec 16 2022
logo
Tyco Electronics
62403-1 MACOM-62403-1 Datasheet
110Kb / 5P
   Axial Leaded Power Inductors
SC30R22KT MACOM-SC30R22KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
logo
List of Unclassifed Man...
2474-01L ETC1-2474-01L Datasheet
40Kb / 1P
   Axial Lead Power Inductors
logo
Central Technologies
CTCVCF CT-CTCVCF Datasheet
114Kb / 1P
   Power Coated Inductors - Axial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com