Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0232001 Datasheet(PDF) 4 Page - Littelfuse

Part # 0232001
Description  5 x 20 mm Medium-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0232001 Datasheet(HTML) 4 Page - Littelfuse

  0232001_1 Datasheet HTML 1Page - Littelfuse 0232001_1 Datasheet HTML 2Page - Littelfuse 0232001_1 Datasheet HTML 3Page - Littelfuse 0232001_1 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Axial Lead and Cartridge Fuses
437
www .littelfuse .com
11
5 x 20 mm Medium-Acting Fuse 232P Series
0232 000P
0232 000 XEP
20+0.5
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
0.65*
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
Agency Approvals
Agency Approvals
Ampere Range
Certificate No.
SU05001-2001
1A – 10A (125V)
SU05001-2015
1A – 10A (250V)
1A – 10A
Certificate No.
Cartridge
NBK010702-E10480 A
1A – 5A
125V 10,000A
NBK290502-E10480 C
6.3A – 10A 125V 300A
Leaded
NBK010702-E10480 B
1A – 5A
125V 10,000A
NBK290502-E10480 E
6.3A – 10A 125V 300A
Cartridge
NBK260202-E10480 B
1A – 5A
250V 10,000A
NBK290502-E10480 D
6.3A – 10A 250V 300A
Leaded
NBK290502-E10480 B
1A – 5A
250V 10,000A
NBK290502-E10480 F
6.3A – 10A
250V 300A
RoHS
0.001
0.01
0.1
110
100
1000
1
10
100
1000
10000
CURRENT IN AMPERES
Average Time Current Curves
Pb
Designed to METI Standard


Similar Part No. - 0232001_1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0232001. LITTELFUSE-0232001. Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
0232001.M LITTELFUSE-0232001.M Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
0232001.M- LITTELFUSE-0232001.M- Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
0232001.M-ND LITTELFUSE-0232001.M-ND Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
0232001.MXE LITTELFUSE-0232001.MXE Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
More results

Similar Description - 0232001_1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
02341.25MXEP LITTELFUSE-02341.25MXEP Datasheet
143Kb / 3P
   234 Series, 5 x 20 mm, Medium-Acting Fuse
02321.25MXEP LITTELFUSE-02321.25MXEP Datasheet
189Kb / 4P
   232 Series, 5 x 20 mm, Medium-Acting Fuse
02331.25MXE- LITTELFUSE-02331.25MXE- Datasheet
194Kb / 4P
   233 Series, 5 x 20 mm, Medium-Acting Fuse
233-234 LITTELFUSE-233-234 Datasheet
97Kb / 1P
   5 x 20 mm Medium Acting Fuse 233/234 Series
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com