Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

239 Datasheet(PDF) 1 Page - Littelfuse

Part # 239
Description  5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

239 Datasheet(HTML) 1 Page - Littelfuse

  239_1 Datasheet HTML 1Page - Littelfuse 239_1 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
450
www .littelfuse .com
Designed to UL/CSA Standards
5 x 20 mm Time Lag Fuse (Slo-Blo®) Fuse 239 Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
135%
1 hour, Maximum
200%
5 seconds, Min.; 2 min., Max.
INTERRUPTING RATING:
0.20-1A
10,000 amperes at 125 VAC, 0.7-0.8 power factor
35 amperes at 250 VAC, 0.7-0.8 power factor
1.25A-3.15A 10,000 amperes at 125 VAC, 0.7-0.8 power factor
100 amperes at 250 VAC, 0.7-0.8 power factor
4A-7A
10,000 amperes at 125 VAC, 0.7-0.8 power factor
ORDERING INFORMATION:
• Designed to UL/CSA/ANCE 248 Standard.
• Available in Cartridge and Axial Lead Format.
• Available in ratings of 0.200 to 7 amperes.
Nominal
Nominal
Catalog
Ampere
Voltage Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
239.200
.200
250
3.873
0.166
239.250
.250
250
3.070
0.341
239.300
.300
250
2.300
0.613
239.400
.400
250
1.475
1.490
239.500
.500
250
0.909
1.986
239.600
.600
250
0.699
2.415
239.700
.700
250
0.538
4.119
239.750
.750
250
0.471
5.424
239.800
.800
250
0.416
7.566
239 001
1
250
0.297
11.296
239 1.25
1.25
250
0.298
19.524
239 01.6
1.60
250
0.120
30.430
239 002
2
250
0.094
50.586
239 02.5
2.50
250
0.058
79.701
239 003
3
250
0.0480
129.509
239 3.15
3.15
250
0.0410
128.048
239 004
4
125
0.0310
270.703
239 005
5
125
0.0200
302.836
239 007
7
125
0.0110
305.758
®
UL
®
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Glass
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).


Similar Part No. - 239_1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
23901.6 LITTELFUSE-23901.6 Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
23901.6H LITTELFUSE-23901.6H Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
logo
Festo Corporation.
2390139 FESTO-2390139 Datasheet
98Kb / 2P
   ISO cylinder
2390140 FESTO-2390140 Datasheet
98Kb / 2P
   ISO cylinder
2390141 FESTO-2390141 Datasheet
98Kb / 2P
   ISO cylinder
More results

Similar Description - 239_1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
221 LITTELFUSE-221 Datasheet
94Kb / 1P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
0219125XA LITTELFUSE-0219125XA Datasheet
253Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
0219040XAP LITTELFUSE-0219040XAP Datasheet
236Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
219002 LITTELFUSE-219002 Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com