Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT808 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT808
Description  Low-Power Precision Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT808 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT808 Datasheet HTML 1Page - Catalyst Semiconductor CAT808 Datasheet HTML 2Page - Catalyst Semiconductor CAT808 Datasheet HTML 3Page - Catalyst Semiconductor CAT808 Datasheet HTML 4Page - Catalyst Semiconductor CAT808 Datasheet HTML 5Page - Catalyst Semiconductor CAT808 Datasheet HTML 6Page - Catalyst Semiconductor CAT808 Datasheet HTML 7Page - Catalyst Semiconductor CAT808 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CAT808
© 2006 Catalyst Semiconductor, Inc.
1
Doc. No. 3024 Rev. A
Characteristics subject to change without notice
GND
2
3
1
OUT
VDD
NC
GND
2
3
1
NC
5
4
OUT
VDD
Low-Power Precision Voltage Detector
FEATURES
Ultra Low Current Consumption 2.4µA
Accurate Voltage Detection Threshold
Fine Voltage Detection Threshold Resolution
Active Low Open Drain Output
Available in 5-pin TSOT- 23 and 3-pin SOT- 89
RoHS compliant packages
Industrial temperature range -40°C to +85°C
APPLICATIONS
Battery-Powered Systems
Power Supply Monitoring
Handheld and Portable Equipment
Processor Supervisor Reset
DESCRIPTION
The CAT808 is a high-precision voltage detector
designed for monitoring single cell and multi-cell batteries.
Voltage detection thresholds between 2.0V and 3.2V are
provided with 0.1V resolution and ±3.0% accuracy.
The CAT808 open-drain output is active low until the
VDD voltage exceeds the detection threshold. A low
hysteresis is built into the device to minimize output
“chatter”, while VDD passes through the detection
threshold, and the output transitions high.
After the CAT808 asserts the output high condition, it
continues to monitor VDD until it drops below the
detection threshold, when the output goes low until
VDD once again exceeds the detection threshold.
For Ordering Information details, see page 7.
PIN CONFIGURATION
TYPICAL APPLICATION
SOT-89
5-Lead Thin SOT-23
Note: The value of the pull-up resistor is not critical
OUT
SHDN
GND
IN
DC-DC
CONVERTER
OUT
VDD
GND
Battery
Voltage
CAT808
10kΩ


Similar Part No. - CAT808

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT808 ONSEMI-CAT808 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
CAT808NTDI-25GT3 ONSEMI-CAT808NTDI-25GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
CAT808NTDI-27GT3 ONSEMI-CAT808NTDI-27GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
CAT808NTDI-32GT3 ONSEMI-CAT808NTDI-32GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
CAT808NTDI-35GT3 ONSEMI-CAT808NTDI-35GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
More results

Similar Description - CAT808

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT808 ONSEMI-CAT808 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com