Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C76LETE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT93C76LETE13
Description  8K-Bit Microwire Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C76LETE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT93C76LETE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C76LETE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C76LETE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C76LETE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C76LETE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C76LETE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C76LETE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C76LETE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C76LETE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
CAT93C76
Doc. No. 1090, Rev. A
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 93C76SI-TE13 (SOIC, Industrial Temperature, 1.8 Volt to 5.5 Volt Operating Voltage,
Tape & Reel)
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWA.) For additional
information, please contact your Catalyst sales office.
Package
P = PDIP
S = SOIC (JEDEC)
U = TSSOP
RD4 = TDFN (3x3mm)
L = PDIP (Lead free, Halogen free)
V = SOIC, JEDEC (Lead free, Halogen free)
Y = TSSOP (Lead free, Halogen free)
ZD4 = TDFN (3x3mm, Lead free, Halogen free)
Prefix
Device #
Suffix
93C76
S
I
TE13
Product
Number
Tape & Reel
CAT
Temperature Range
I = Industrial (-40
°C to +85°C)
Optional
Company ID
E = Extended (-40
°C to +125°C)
Die Revision
Rev A
(2)


Similar Part No. - CAT93C76LETE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C76LET2 ONSEMI-CAT93C76LET2 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76LET3 ONSEMI-CAT93C76LET3 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
More results

Similar Description - CAT93C76LETE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76_07 Datasheet
230Kb / 13P
   8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93AA76A MICROCHIP-93AA76A Datasheet
394Kb / 26P
   8K Microwire Compatible Serial EEPROM
2004
93AA76A MICROCHIP-93AA76A_06 Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com