Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C76UETE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT93C76UETE13
Description  8K-Bit Microwire Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C76UETE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT93C76UETE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C76UETE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C76UETE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C76UETE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C76UETE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C76UETE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C76UETE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C76UETE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C76UETE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice.
Doc. No. 1090, Rev. A
ALO
GEN FR
TM
LEAD FREE
CS
SK
DI
DO
VCC
NC
ORG
GND
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
ORG
GND
1
2
3
4
8
7
6
5
NC
1
2
3
4
8
7
6
5
VCC
NC
ORG
GND
CS
SK
DI
DO
8
7
6
5
VCC
ORG
GND
DI
CS
SK
DO
1
2
3
4
NC
CAT93C76 (Rev. A)
8K-Bit Microwire Serial EEPROM
FEATURES
I High speed operation: 3MHz @ V
CC 2.5V
I Low power CMOS technology
I 1.8 to 5.5 volt operation
I Selectable x8 or x16 memory organization
I Self-timed write cycle with auto-clear
I Software write protection
I Power-up inadvertant write protection
I 1,000,000 Program/erase cycles
I 100 year data retention
I Industrial and extended temperature ranges
I Sequential read
I “Green” package option available
PIN CONFIGURATION
DIP Package (P, L)
SOIC Package (S, V)
manufactured using Catalyst’s advanced CMOS
EEPROM floating gate technology. The device is
designed to endure 1,000,000 program/erase cycles
and has a data retention of 100 years. The device is
available in 8-pin DIP, SOIC, TSSOP and 8-pad TDFN
packages.
DESCRIPTION
The CAT93C76 is an 8K-bit Serial EEPROM memory
device which is configured as either registers of 16 bits
(ORG pin at VCC or Not Connected) or 8 bits (ORG pin
at GND). Each register can be written (or read) serially
by using the DI (or DO) pin. The CAT93C76 is
TSSOP Package (U,Y)
TDFN Package (RD4, ZD4)
Top View
FUNCTIONAL SYMBOL
Note: When the ORG pin is connected to VCC, x16 organization is
selected. When it is connected to ground, x8 organization is selected.
If the ORG pin is left unconnected, then an internal
pull-up device will select x16 organization.
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
SK
Serial Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
+1.8 to 5.5V Power Supply
GND
Ground
ORG
Memory Organization
NC
No Connection
CS
SK
ORG
DO
DI
VCC
GND


Similar Part No. - CAT93C76UETE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
230Kb / 13P
   8K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C76 ONSEMI-CAT93C76 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76 ONSEMI-CAT93C76 Datasheet
161Kb / 11P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
CAT93C76 ONSEMI-CAT93C76 Datasheet
325Kb / 15P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
More results

Similar Description - CAT93C76UETE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76_07 Datasheet
230Kb / 13P
   8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93AA76A MICROCHIP-93AA76A Datasheet
394Kb / 26P
   8K Microwire Compatible Serial EEPROM
2004
93AA76A MICROCHIP-93AA76A_06 Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com