Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3644 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT3644
Description  4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3644 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT3644 Datasheet HTML 6Page - Catalyst Semiconductor CAT3644 Datasheet HTML 7Page - Catalyst Semiconductor CAT3644 Datasheet HTML 8Page - Catalyst Semiconductor CAT3644 Datasheet HTML 9Page - Catalyst Semiconductor CAT3644 Datasheet HTML 10Page - Catalyst Semiconductor CAT3644 Datasheet HTML 11Page - Catalyst Semiconductor CAT3644 Datasheet HTML 12Page - Catalyst Semiconductor CAT3644 Datasheet HTML 13Page - Catalyst Semiconductor CAT3644 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT3644
© 2007 Catalyst Semiconductor, Inc.
11
Doc. No. 5023, Rev. B
Characteristics subject to change without notice
Unused LED Channels
For applications not requiring all the channels, it is
recommended the unused LED pins be tied directly to
VOUT (see Figure 4).
Figure 4. Application with 3 LEDs
Protection Mode
If an LED is disconnected, the driver senses that and
automatically ignores that channel. When all LEDs are
disconnected, the driver goes to 1x mode where the
output is equal to the input voltage.
As soon as the output exceeds about 6V, the driver
resets itself and reevaluate the mode.
If the die temperature exceeds +150°C, the driver will
enter a thermal protection shutdown mode. When the
device temperature drops by about 20°C, the device
will resume normal operation.
LED Selection
LEDs with forward voltages (VF) ranging from 1.3V to
4.3V may be used. Selecting LEDs with lower VF is
recommended in order to improve the efficiency by
keeping the driver in 1x mode longer as the battery
voltage decreases.
For example, if a white LED with a VF of 3.3V is
selected over one with VF of 3.5V, the driver will stay
in 1x mode for lower supply voltage of 0.2V. This
helps improve the efficiency and extends battery life.
External Components
The driver requires four external 1μF ceramic capa-
citors for decoupling input, output, and for the charge
pump. Both capacitors type X5R and X7R are
recommended for the LED driver application. In all
charge pump modes, the input current ripple is kept
very low by design and an input bypass capacitor of
1μF is sufficient.
In 1x mode, the device operates in linear mode and
does not introduce switching noise back onto the
supply.
Recommended Layout
In charge pump mode, the driver switches internally at
a high frequency. It is recommended to minimize trace
length to all four capacitors. A ground plane should
cover the area under the driver IC as well as the
bypass capacitors. Short connection to ground on
capacitors CIN and COUT can be implemented with the
use of multiple via. A copper area matching the TQFN
exposed pad (TAB) must be connected to the ground
plane underneath. The use of multiple via improves
the package heat dissipation.
Figure 5. Recommended Layout
VIN
GND
Pin1
C2
C1
RSET
CIN
COUT
GND
GND
EN/DIM
GND
VIN
LED2
LED3
LED1
LED4
RSET
EN/DIM
CAT3644
VIN
VOUT
1µF
1µF
CIN
C1-
C1+
C2-
C2+
1µF
1µF
COUT
RSET
ENABLE
DIMMING


Similar Part No. - CAT3644

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3644 CATALYST-CAT3644 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644HV3-GT2 CATALYST-CAT3644HV3-GT2 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3644HV3-GT2 ONSEMI-CAT3644HV3-GT2 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644HV3-T2 CATALYST-CAT3644HV3-T2 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
More results

Similar Description - CAT3644

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3643 CATALYST-CAT3643 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3643_0710 CATALYST-CAT3643_0710 Datasheet
328Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3643HV2-T2 ONSEMI-CAT3643HV2-T2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
logo
Catalyst Semiconductor
CAT3648 CATALYST-CAT3648 Datasheet
343Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver with 32 Dimming Levels
logo
ON Semiconductor
CAT3648 ONSEMI-CAT3648 Datasheet
216Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
CAT3648HV3-GT2 ONSEMI-CAT3648HV3-GT2 Datasheet
301Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5031, Rev. C
CAT3648 ONSEMI-CAT3648_14 Datasheet
203Kb / 13P
   4-Channel Ultra High Efficiency LED Driver
August, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com