Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA571DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # SA571DG
Description  Compandor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA571DG Datasheet(HTML) 3 Page - ON Semiconductor

  SA571DG Datasheet HTML 1Page - ON Semiconductor SA571DG Datasheet HTML 2Page - ON Semiconductor SA571DG Datasheet HTML 3Page - ON Semiconductor SA571DG Datasheet HTML 4Page - ON Semiconductor SA571DG Datasheet HTML 5Page - ON Semiconductor SA571DG Datasheet HTML 6Page - ON Semiconductor SA571DG Datasheet HTML 7Page - ON Semiconductor SA571DG Datasheet HTML 8Page - ON Semiconductor SA571DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SA571
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = +15 V, TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
6.0
18
V
Supply Current
ICC
No Signal
4.2
4.8
mA
Output Current Capability
IOUT
± 20
mA
Output Slew Rate
SR
± .5
V/
ms
Gain Cell Distortion (Note 2)
Untrimmed
Trimmed
0.5
0.1
2.0
%
Resistor Tolerance
± 5
± 15
%
Internal Reference Voltage
1.65
1.8
1.95
V
Output DC Shift (Note 3)
Untrimmed
± 90
± 150
mV
Expandor Output Noise
No Signal, 15 Hz−20 kHz
(Note 1)
20
60
mV
Unity Gain Level (Note 5)
1.0 kHz
−1.5
0
+1.5
dBm
Gain Change (Notes 2 and 4)
± 0.1
dB
Reference Drift (Note 4)
+2.0, −25
+20, −50
mV
Resistor Drift (Note 4)
−40
°C to +85°C
+10, −12
%
Tracking Error
(Measured Relative to Value at Unity Gain)
Equals [VO − VO (unity gain)] dB − V2dBm
Rectifier Input,
VCC = +6.0 V
V2 = +6.0 dBm, V1 = 0 dB
V2 = −30 dBm, V1 = 0 dB
+0.2
+0.2
−1.0, +1.5
dB
Channel Separation
60
dB
1. Input to V1 and V2 grounded.
2. Measured at 0 dBm, 1.0 kHz.
3. Expandor AC input change from no signal to 0 dBm.
4. Relative to value at TA = 25°C.
5. 0 dBm = 775 mVRMS.


Similar Part No. - SA571DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA571D PHILIPS-SA571D Datasheet
143Kb / 11P
   Compandor
1997 Aug 14
SA571D PHILIPS-SA571D Datasheet
400Kb / 7P
   Compandor
More results

Similar Description - SA571DG

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
   COMPANDOR
logo
ON Semiconductor
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
   Compandor
April, 2009 ??Rev. 0
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
   Compandor
May, 2006 ??Rev. 4
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
   Compandor
1997 Aug 14
NE570N PHILIPS-NE570N Datasheet
400Kb / 7P
   Compandor
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
49Kb / 4P
   COMPANDOR
logo
Daewoo Semiconductor
DBL5015 DAEWOO-DBL5015 Datasheet
282Kb / 4P
   COMPANDOR
logo
Samsung semiconductor
KA8512 SAMSUNG-KA8512 Datasheet
132Kb / 6P
   COMPANDOR
logo
Unisonic Technologies
UTC571N UTC-UTC571N_15 Datasheet
284Kb / 5P
   COMPANDOR
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com