Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA575D Datasheet(PDF) 3 Page - ON Semiconductor

Part # SA575D
Description  Low Voltage Compandor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA575D Datasheet(HTML) 3 Page - ON Semiconductor

  SA575D Datasheet HTML 1Page - ON Semiconductor SA575D Datasheet HTML 2Page - ON Semiconductor SA575D Datasheet HTML 3Page - ON Semiconductor SA575D Datasheet HTML 4Page - ON Semiconductor SA575D Datasheet HTML 5Page - ON Semiconductor SA575D Datasheet HTML 6Page - ON Semiconductor SA575D Datasheet HTML 7Page - ON Semiconductor SA575D Datasheet HTML 8Page - ON Semiconductor SA575D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SA575
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Single Supply Voltage
VCC
−0.3 to 8.0
V
Voltage Applied to Any Other Pin
VIN
−0.3 to (VCC + 0.3)
V
Operating Ambient Temperature Range
TA
-40 to +85
°C
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
150
°C
Thermal Impedance
SOIC
TSSOP
PDIP
qJA
87
124
70
°C/W
Maximum Power Dissipation
SOIC
TSSOP
PDIP
PD
1116
1068
1344
mW
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
DC ELECTRICAL CHARACTERISTICS Typical values are at TA = 25
°C. Minimum and Maximum values are for the full operating
temperature range: -40 to +85
°C for SA575, except SSOP package is tested at +25°C only. V
CC = 5.0 V, unless otherwise stated. Both
channels are tested in the Expandor mode (see Test Circuit).
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
FOR COMPANDOR, INCLUDING SUMMING AMPLIFIER
Supply Voltage (Note 1)
VCC
3.0
5.0
7.0
V
Supply Current
ICC
No Signal
3.0
4.2
5.5
mA
Reference Voltage (Note 2)
VREF
VCC = 5.0 V
2.4
2.5
2.6
V
Summing Amp Output Load
RL
10
k
W
Total Harmonic Distortion
THD
1.0 kHz, 0 dB, BW = 3.5 kHz
0.12
1.5
%
Output Voltage Noise
ENO
BW = 20 kHz, RS = 0 W
6.0
30
mV
Unity Gain Level
0dB
1.0 kHz
-1.5
1.5
dB
Output Voltage Offset
VOS
No Signal
-150
150
mV
Output DC Shift
No Signal to 0 dB
-100
100
mV
Gain Cell Input = 0 dB, 1.0 kHz
Rectifier Input = 6.0 dB, 1.0 kHz
-1.0
1.0
dB
Tracking Error Relative to 0 dB
Gain Cell Input = 0 dB, 1.0 kHz
Rectifier Input = -30 dB, 1.0 kHz
-1.0
1.0
dB
Crosstalk
1.0 kHz, 0 dB, CREF = 220 mF
-80
-65
dB
FOR OPERATIONAL AMPLIFIER
Output Swing
VO
RL = 10 kW
VCC-0.4
VCC
V
Output Load
RL
1.0 kHz
600
W
Input Common-Mode Range
CMR
0
VCC
V
Common-Mode Rejection Ratio
CMRR
60
80
dB
Input Bias Current
IB
VIN = 0.5 V to 4.5 V
-1.0
1.0
mA
Input Offset Voltage
VOS
3.0
mV
Open-Loop Gain
AVOL
RL = 10 kW
80
dB
Slew Rate
SR
Unity Gain
1.0
V/
ms
Bandwidth
GBW
Unity Gain
3.0
MHz
Input Voltage Noise
ENI
BW = 20 kHz
2.5
mV
Power Supply Rejection Ratio
PSRR
1.0 kHz, 250 mV
60
dB
1. Operation down to VCC = 2.0 V is possible, but performance is reduced. See curves in Figures 6 and 7.
2. Reference voltage, VREF, is typically at 1/2 VCC.


Similar Part No. - SA575D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575D PHILIPS-SA575D Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
SA575DK PHILIPS-SA575DK Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
More results

Similar Description - SA575D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
NXP Semiconductors
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
   Low power compandor
1997 Aug 14
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
   Low Power Compandor
December 1993
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
   Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com