Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA572DTBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # SA572DTBG
Description  Programmable Analog Compandor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA572DTBG Datasheet(HTML) 5 Page - ON Semiconductor

  SA572DTBG Datasheet HTML 1Page - ON Semiconductor SA572DTBG Datasheet HTML 2Page - ON Semiconductor SA572DTBG Datasheet HTML 3Page - ON Semiconductor SA572DTBG Datasheet HTML 4Page - ON Semiconductor SA572DTBG Datasheet HTML 5Page - ON Semiconductor SA572DTBG Datasheet HTML 6Page - ON Semiconductor SA572DTBG Datasheet HTML 7Page - ON Semiconductor SA572DTBG Datasheet HTML 8Page - ON Semiconductor SA572DTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SA572
http://onsemi.com
5
The residual distortion is third harmonic distortion and
is caused by gain control ripple. In a compandor system,
available control of fast attack and slow recovery improve
ripple distortion significantly. At the unity gain level of
100 mV, the gain cell gives THD (total harmonic
distortion) of 0.17% typ. Output noise with no input signals
is only 6.0
mV in the audio spectrum (10 Hz-20 kHz). The
output current IO must feed the virtual ground input of an
operational amplifier with a resistor from output to
inverting input. The non-inverting input of the operational
amplifier has to be biased at VREF if the output current IO
is DC coupled.
VREF
THD
TRIM
V+
1
2
IG )
1
2
IO
I1
140mA
280mA
I2
IG
IO
Q4
Q3
Q1
Q2
VIN
+
A1
Figure 3. Basic Gain Cell Schematic
R1
6.8kW
Rectifier
The rectifier is a full-wave design as shown in Figure 4.
The input voltage is converted to current through the input
resistor R2 and turns on either Q5 or Q6 depending on the
signal polarity. Deadband of the voltage to current
converter is reduced by the loop gain of the gain block A2.
If AC coupling is used, the rectifier error comes only from
input bias current of gain block A2. The input bias current
is typically about 70 nA. Frequency response of the gain
block A2 also causes second-order error at high frequency.
The collector current of Q6 is mirrored and summed at the
collector of Q5 to form the full wave rectified output
current IR. The rectifier transfer function is:
IR +
VIN * VREF
R2
(eq. 3)
If VIN is AC-coupled, then the equation will be reduced
to:
IRAC +
VIN(AVG)
R2
The internal bias scheme limits the maximum output
current IR to be around 300 mA. Within a "1.0 dB error
band the input range of the rectifier is about 52 dB.
VIN
VREF
V+
A2
+
IR +
VIN * VREF
R2
Figure 4. Simplified Rectifier Schematic
Q5
Q6
R2
D7


Similar Part No. - SA572DTBG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572D PHILIPS-SA572D Datasheet
136Kb / 12P
   Programmable analog compandor
1998 Nov 03
SA572D PHILIPS-SA572D Datasheet
125Kb / 8P
   Programmable analog compandor
October 7, 1987
More results

Similar Description - SA572DTBG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE572 PHILIPS-NE572 Datasheet
125Kb / 8P
   Programmable analog compandor
October 7, 1987
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
   Programmable analog compandor
1998 Nov 03
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
   Unity gain level programmable power compandor
1997 Nov 07
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
   COMPANDOR
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
   Compandor
March, 2006 ??Rev. 4
logo
NXP Semiconductors
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
   Unity gain level programmable low power compandor
December 15, 1993
SA578 PHILIPS-SA578 Datasheet
63Kb / 7P
   Unity gain level programmable low power compandor
1997 Nov 07
logo
ON Semiconductor
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
   Compandor
April, 2009 ??Rev. 0
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
   Compandor
May, 2006 ??Rev. 4
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
   Compandor
1997 Aug 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com