Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C56YI-1.8T3E Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT93C56YI-1.8T3E
Description  2K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C56YI-1.8T3E Datasheet(HTML) 7 Page - Catalyst Semiconductor

  CAT93C56YI-1.8T3E Datasheet HTML 1Page - Catalyst Semiconductor CAT93C56YI-1.8T3E Datasheet HTML 2Page - Catalyst Semiconductor CAT93C56YI-1.8T3E Datasheet HTML 3Page - Catalyst Semiconductor CAT93C56YI-1.8T3E Datasheet HTML 4Page - Catalyst Semiconductor CAT93C56YI-1.8T3E Datasheet HTML 5Page - Catalyst Semiconductor CAT93C56YI-1.8T3E Datasheet HTML 6Page - Catalyst Semiconductor CAT93C56YI-1.8T3E Datasheet HTML 7Page - Catalyst Semiconductor CAT93C56YI-1.8T3E Datasheet HTML 8Page - Catalyst Semiconductor CAT93C56YI-1.8T3E Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
CAT93C56/57
Doc. No. 1088, Rev. O
Figure 7. WRAL Instruction Timing
Figure 5. EWEN/EWDS Instruction Timing
Figure 6. ERAL Instruction Timing
SK
CS
DI
STANDBY
10
0
*
* ENABLE=11
DISABLE=00
SK
CS
DI
DO
STANDBY
tCS
HIGH-Z
HIGH-Z
10
1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
00
STATUS VERIFY
SK
CS
DI
DO
STANDBY
HIGH-Z
10
1
BUSY
READY
tSV
tHZ
tEW
tCSMIN
DN
D0
0
0


Similar Part No. - CAT93C56YI-1.8T3E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56YI-1.8T3E ONSEMI-CAT93C56YI-1.8T3E Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results

Similar Description - CAT93C56YI-1.8T3E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
logo
Fairchild Semiconductor
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56A FAIRCHILD-NM93C56A Datasheet
111Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93C56A MICROCHIP-93C56A Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com