Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1085C Datasheet(PDF) 2 Page - ON Semiconductor

Part # TDA1085C
Description  Universal Motor Speed Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TDA1085C Datasheet(HTML) 2 Page - ON Semiconductor

  TDA1085C Datasheet HTML 1Page - ON Semiconductor TDA1085C Datasheet HTML 2Page - ON Semiconductor TDA1085C Datasheet HTML 3Page - ON Semiconductor TDA1085C Datasheet HTML 4Page - ON Semiconductor TDA1085C Datasheet HTML 5Page - ON Semiconductor TDA1085C Datasheet HTML 6Page - ON Semiconductor TDA1085C Datasheet HTML 7Page - ON Semiconductor TDA1085C Datasheet HTML 8Page - ON Semiconductor TDA1085C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TDA1085C
http://onsemi.com
2
Figure 1. Representative Block Diagram and Pin Connections
Reset
Control
Amp
=
−VCC
Current
Limiter
0.7 V
+
Ramp
Generator
Speed
Detector
Shunt Regulator
Ballast Resistor
+ VCC
Monitoring
Voltage
Reg
Trigger Pulse
Gen.
9
10
8
12
11
4
5
6
3
7
16
14
15
2
1
13
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
VOLTAGE REGULATOR
Internally Regulated Voltage (VPin 9)
(IPin 7 = 0, IPin 9 + IPin 10 = 15 mA, IPin 13 = 0)
VCC
15
15.3
16
V
VCC Temperature Factor
TF
− 100
ppm/
°C
Current Consumption (IPin 9)
(V9 = 15 V, V12 = V8 = 0, I1 = I2 = 100 mA,
all other pins not connected)
ICC
4.5
6.0
mA
VCC Monitoring Enable Level
VCC Monitoring Disable Level
VCC EN
VCC DIS
VCC − 0.4
VCC − 1.0
V
RAMP GENERATOR
Reference Speed Input Voltage Range
VPin 5
0.08
13.5
V
Reference Input Bias Current
− IPin 5
0
0.8
1.0
mA
Ramp Selection Input Bias Current
− IPin 6
0
1.0
mA
Distribution Starting Level Range
VDS
0
2.0
V
Distribution Final Level
VPin 6 = 0.75 V
VDF/VDS
2.0
2.09
2.2
High Acceleration Charging Current
VPin 7 = 0 V
VPin 7 = 10 V
− IPin 7
1.0
1.0
1.2
1.7
1.4
mA
Distribution Charging Current
VPin 7 = 2.0 V
− IPin 7
4.0
5.0
7.0
mA


Similar Part No. - TDA1085C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TDA1085C MOTOROLA-TDA1085C Datasheet
170Kb / 12P
   UNIVERSAL MOTOR SPEED CONTROLLER
TDA1085CD MOTOROLA-TDA1085CD Datasheet
170Kb / 12P
   UNIVERSAL MOTOR SPEED CONTROLLER
More results

Similar Description - TDA1085C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TDA1085C MOTOROLA-TDA1085C Datasheet
170Kb / 12P
   UNIVERSAL MOTOR SPEED CONTROLLER
logo
Samsung semiconductor
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
   DC MOTOR SPEED CONTROLLER
logo
IXYS Corporation
AN-109 IXYS-AN-109 Datasheet
70Kb / 3P
   Variable-Speed Motor Controller
logo
Samsung semiconductor
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
   DC MOTOR SPEED CONTROLLER
KA2402 SAMSUNG-KA2402 Datasheet
59Kb / 4P
   DC MOTOR SPEED CONTROLLER
S1A2402C01 SAMSUNG-S1A2402C01 Datasheet
48Kb / 4P
   DC MOTOR SPEED CONTROLLER
logo
SANYO DENKI CO., LTD.
PMM8713 SANYODENKI-PMM8713 Datasheet
859Kb / 4P
   UNIVERSAL CONTROLLER for Stepping Motor Driving
logo
Sanyo Semicon Device
LC7991 SANYO-LC7991 Datasheet
176Kb / 7P
   Constant-Speed DC Motor Controller
LC7991M SANYO-LC7991M Datasheet
178Kb / 7P
   Constant-Speed DC Motor Controller?
LA5512 SANYO-LA5512 Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com