Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25040LIT3 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT25040LIT3
Description  1K/2K/4K SPI Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25040LIT3 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT25040LIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25040LIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25040LIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25040LIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25040LIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25040LIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25040LIT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25040LIT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25040LIT3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
CAT25010, CAT25020, CAT25040
Doc. No. 1006, Rev. S
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 4. Read Instruction Timing
Figure 5. RDSR Instruction Timing
Note: Dashed Line= mode (1, 1) – ––––
21
22
SCK
SI
SO
0000001
1
BYTE ADDRESS
0123456789
10
12
13
14
15
16
17
18
19
20
D7 D6 D5 D4 D3 D2 D1 D0
*Please check the instruction set table for address
CS
OPCODE
DATA OUT
MSB
HIGH IMPEDANCE
11
A7
A6
A5
A4
A3
A2
A1 A0
X=0 for 25010, 25020 ; X=A8 for 25040
Note: Dashed line = mode (1,1)----
X*
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
CS
00
0
00
1
0
1
to provide clock pulses. The internal address pointer is
automatically incremented to the next higher address
after each byte of data is shifted out. When the highest
address is reached, the address counter rolls over to
0000h allowing the read cycle to be continued indefinitely.
The read operation is terminated by pulling the
CS high.
Read sequece is illustrated in Figure 4.
To read the status register, RDSR instruction should be
sent. The contents of the status register are shifted out
on the SO line. The status register may be read at any
time even during a write cycle. Reading status register
is illustrated in Figure 5.
WRITE Sequence
The CAT25010/20/40 powers up in a Write Disable
state. Prior to any write instructions, the WREN instruction
must be sent to CAT25010/20/40. The device goes into
Write enable state by pulling the
CS low and then
clocking the WREN instruction into CAT25010/20/40.
The
CS must be brought high after the WREN instruction
to enable writes to the device. If the write operation is
initiated immediately after the WREN instruction without
CS being brought high, the data will not be written to the
array because the write enable latch will not have been
properly set. Also, for a successful write operation the


Similar Part No. - CAT25040LIT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25040LIT3 CATALYST-CAT25040LIT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
More results

Similar Description - CAT25040LIT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com