Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2500 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 3Page - Texas Instruments CC2500 Datasheet HTML 4Page - Texas Instruments CC2500 Datasheet HTML 5Page - Texas Instruments CC2500 Datasheet HTML 6Page - Texas Instruments CC2500 Datasheet HTML 7Page - Texas Instruments CC2500 Datasheet HTML 8Page - Texas Instruments CC2500 Datasheet HTML 9Page - Texas Instruments CC2500 Datasheet HTML 10Page - Texas Instruments CC2500 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 7 of 83
4
Electrical Specifications
4.1
Current Consumption
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2500EM reference design.
Parameter
Min
Typ
Max
Unit
Condition
400
nA
Voltage regulator to digital part off, register values retained
(SLEEP state)
900
nA
Voltage regulator to digital part off, register values retained, low-
power RC oscillator running (SLEEP state with WOR enabled)
92
µA
Voltage regulator to digital part off, register values retained,
XOSC running (SLEEP state with MCSM0.OSC_FORCE_ON set)
Current consumption in
power down modes
160
µA
Voltage regulator to digital part on, all other modules in power
down (XOFF state)
8.1
µA
Automatic RX polling once each second, using low-power RC
oscillator, with 460 kHz filter bandwidth and 250 kbps data rate,
PLL calibration every 4
th wakeup. Average current with signal in
channel below carrier sense level.
35
µA
Same as above, but with signal in channel above carrier sense
level, 1.9 ms RX timeout, and no preamble/sync word found.
1.4
µA
Automatic RX polling every 15
th second, using low-power RC
oscillator, with 460 kHz filter bandwidth and 250 kbps data rate,
PLL calibration every 4
th wakeup. Average current with signal in
channel below carrier sense level.
42
µA
Same as above, but with signal in channel above carrier sense
level, 37 ms RX timeout, and no preamble/sync word found.
1.5
mA
Only voltage regulator to digital part and crystal oscillator running
(IDLE state)
Current consumption
7.4
mA
Only the frequency synthesizer running (after going from IDLE
until reaching RX or TX states, and frequency calibration states)
15.3
mA
Receive mode, 2.4 kbps, input at sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF
= 1
12.8
mA
Receive mode, 2.4 kbps, input 30 dB above sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF
= 1
15.4
mA
Receive mode, 10 kbps, input at sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF
= 1
12.9
mA
Receive mode, 10 kbps, input 30 dB above sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF
= 1
18.8
mA
Receive mode, 250 kbps, input at sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF
= 0
15.7
mA
Receive mode, 250 kbps, input 30 dB above sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF
= 0
16.6
mA
Receive mode, 250 kbps current optimized, input at sensitivity
limit, MDMCFG2.DEM_DCFILT_OFF = 1
13.3
mA
Receive mode, 250 kbps current optimized, input 30 dB above
sensitivity limit, MDMCFG2.DEM_DCFILT_OFF = 1
19.6
mA
Receive mode, 500 kbps, input at sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF
= 0
Current consumption,
RX states
17.0
mA
Receive mode, 500 kbps, input 30 dB above sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF
= 0


Similar Part No. - CC2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500 TI1-CC2500 Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500 TI-CC2500 Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
logo
AVAGO TECHNOLOGIES LIMI...
CC2500 AVAGO-CC2500 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results

Similar Description - CC2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
   CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
979Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com