Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C164YIT3 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT24C164YIT3
Description  16-Kb CMOS Serial EEPROM, Cascadable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C164YIT3 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT24C164YIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C164YIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C164YIT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C164YIT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C164YIT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT24C164YIT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT24C164YIT3 Datasheet HTML 13Page - Catalyst Semiconductor CAT24C164YIT3 Datasheet HTML 14Page - Catalyst Semiconductor CAT24C164YIT3 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT24C164
11
Doc No. 1118, Rev. A
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
8-LEAD 150 MIL WIDE SOIC (W)
24C16_8-LEAD_SOIC.eps
SYMBOL
A1
A
b
C
D
E
E1
h
L
MIN
0.10
1.35
0.33
4.80
5.80
3.80
0.25
0.40
NOM
0.25
0.19
MAX
0.25
1.75
0.51
5.00
6.20
4.00
e
1.27 BSC
0.50
1.27
θ1
0
°
8
°
E
E1
D
A1
e
L
θ1
C
b
h x 45
A
Notes:
1. All dimensions are in millimeters.
2. Complies with JEDEC specification MS-012 dimensions.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.


Similar Part No. - CAT24C164YIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C164YI-GT3 ONSEMI-CAT24C164YI-GT3 Datasheet
168Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
CAT24C164YI-GT3 ONSEMI-CAT24C164YI-GT3 Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
More results

Similar Description - CAT24C164YIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
CAT24C164 ONSEMI-CAT24C164 Datasheet
168Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24AA16 ONSEMI-CAT24AA16 Datasheet
162Kb / 10P
   16-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 1
LE2416DXA ONSEMI-LE2416DXA Datasheet
295Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com