Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL11D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100LVEL11D
Description  3.3V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL11D Datasheet(HTML) 4 Page - ON Semiconductor

  MC100LVEL11D Datasheet HTML 1Page - ON Semiconductor MC100LVEL11D Datasheet HTML 2Page - ON Semiconductor MC100LVEL11D Datasheet HTML 3Page - ON Semiconductor MC100LVEL11D Datasheet HTML 4Page - ON Semiconductor MC100LVEL11D Datasheet HTML 5Page - ON Semiconductor MC100LVEL11D Datasheet HTML 6Page - ON Semiconductor MC100LVEL11D Datasheet HTML 7Page - ON Semiconductor MC100LVEL11D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100LVEL11
http://onsemi.com
4
Table 6. AC CHARACTERISTICS VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 8)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
1.0
GHz
tPLH
tPHL
Propagation Delay to Output
235
385
255
330
405
285
435
ps
tSKEW
Within-Device Skew (Note 9)
Device−to−Device (Note 10)
Duty Cycle Skew (Note 11)
5
10
20
150
20
5
10
20
150
20
5
10
20
150
20
ps
tJITTER
Random Clock Jitter (RMS)
0.6
ps
VPP
Input Swing (Note 12)
200
1000
200
1000
200
1000
mV
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
120
320
120
220
320
120
320
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. VEE can vary ±0.3 V.
9. Within-device skew defined as identical transitions on similar paths through a device.
10.Device−to−device skew for identical transitions at identical VCC levels.
11. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
12.VPP(min) is the minimum input swing for which AC parameters guaranteed. The device will function properly with input swings below 200 mV,
however, AC delays may move outside of the specified range. The device has a DC gain of ≈40.
Figure 2. Output Swing versus Frequency
0
200
400
600
800
0
200
400
600
800
1000
1200
1400
1600
1800
2000
f (MHz)


Similar Part No. - MC100LVEL11D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL11D ONSEMI-MC100LVEL11D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL11DG ONSEMI-MC100LVEL11DG Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11DR2G ONSEMI-MC100LVEL11DR2G Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11DTG ONSEMI-MC100LVEL11DTG Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11DTR2G ONSEMI-MC100LVEL11DTR2G Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
More results

Similar Description - MC100LVEL11D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com