Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL14 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100LVEL14
Description  3.3V ECL 1:5 Clock Distribution Chip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL14 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100LVEL14 Datasheet HTML 1Page - ON Semiconductor MC100LVEL14 Datasheet HTML 2Page - ON Semiconductor MC100LVEL14 Datasheet HTML 3Page - ON Semiconductor MC100LVEL14 Datasheet HTML 4Page - ON Semiconductor MC100LVEL14 Datasheet HTML 5Page - ON Semiconductor MC100LVEL14 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC100LVEL14
http://onsemi.com
2
6
Q1
Q2
Q3
Q4
17
18
16
15
14
13
12
4
357
8
9
VCC
11
10
Q4
Q3
Q2
Q1
NC SCLK CLK CLK VBB SEL VEE
D
Q
1 0
Q0
19
20
2
1
VCC
Q0
EN
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
Figure 1. Pinout (Top View) and Logic Diagram
Table 1. PIN DESCRIPTION
PIN
FUNCTION
CLK, CLK
ECL Diff Clock Inputs
SCLK
ECL Scan Clock Input
EN
ECL Sync Enable
SEL
ECL Clock Select Input
Q0−4, Q0−4
ECL Diff Clock Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 2. FUNCTION TABLE
CLK
SCLK
SEL
EN
Q
L
H
X
X
X
X
X
L
H
X
L
L
H
H
X
L
L
L
L
H
L
H
L
H
L*
*On next negative transition of CLK or SCLK
X = Don’t Care
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8 to 0
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8 to 0
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
6 to 0
−6 to 0
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient) 0 lfpm
500 lfpm
SOIC−20
SOIC−20
90
60
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
SOIC−20
30 to 35
°C/W
Tsol
Wave Solder
Pb
Pb−Free
<2 to 3 sec @ 248°C
<2 to 3 sec @ 260°C
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - MC100LVEL14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC100LVEL14DW ONSEMI-MC100LVEL14DW Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
MC100LVEL14DWG ONSEMI-MC100LVEL14DWG Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC100LVEL14DWR2G ONSEMI-MC100LVEL14DWR2G Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
More results

Similar Description - MC100LVEL14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com