Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C56LA-GT2E Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT93C56LA-GT2E
Description  2K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C56LA-GT2E Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT93C56LA-GT2E Datasheet HTML 1Page - Catalyst Semiconductor CAT93C56LA-GT2E Datasheet HTML 2Page - Catalyst Semiconductor CAT93C56LA-GT2E Datasheet HTML 3Page - Catalyst Semiconductor CAT93C56LA-GT2E Datasheet HTML 4Page - Catalyst Semiconductor CAT93C56LA-GT2E Datasheet HTML 5Page - Catalyst Semiconductor CAT93C56LA-GT2E Datasheet HTML 6Page - Catalyst Semiconductor CAT93C56LA-GT2E Datasheet HTML 7Page - Catalyst Semiconductor CAT93C56LA-GT2E Datasheet HTML 8Page - Catalyst Semiconductor CAT93C56LA-GT2E Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
CAT93C56/57
Doc. No. 1088, Rev. O
ORDERING INFORMATION
Package
L = PDIP
V = SOIC, JEDEC
W = SOIC, JEDEC
X = SOIC, EIAJ
(5)
Y = TSSOP
ZD4 = TDFN (3x3mm)
Prefix
Device #
Suffix
Product Number
93C56: 2K
93C57: 2K
Tape & Reel
T: Tape & Reel
2: 2000/Reel
(5)
3: 3000/Reel
Temperature Range
I = Industrial (-40°C - 85°C)
A = Automotive (-40°C - 105°C)
E = Extended (-40°C to + 125°C)
Operating Voltage
Blank (Vcc = 2.5V to 5.5V)
1.8 (Vcc = 1.8V to 5.5V)
Company ID
Die Revision
93C56: E
93C57: E
Lead Finish
Blank: Matte-Tin
G: NiPdAu
93C56
V
I
T3
-1.8
CAT
Rev E
(4)
– G
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard finish is NiPdAu.
(3) The device used in the above example is a CAT93C56VI-1.8-GT3 (SOIC, Industrial Temperature, 1.8V to 5.5V Operating Voltage,
NiPdAu, Tape & Reel).
(4) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWE.) For additional
information, please contact your Catalyst sales office.
(5) For SOIC, EIAJ (X) package the standard lead finish is Matte-Tin. This package is available in 2000 pcs/reel, i.e. CAT93C56XI-T2.
(6) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.


Similar Part No. - CAT93C56LA-GT2E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56LA-GT2E ONSEMI-CAT93C56LA-GT2E Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results

Similar Description - CAT93C56LA-GT2E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
logo
Fairchild Semiconductor
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56A FAIRCHILD-NM93C56A Datasheet
111Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93C56A MICROCHIP-93C56A Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com