Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431QDBZRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLVH431QDBZRG4
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431QDBZRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLVH431QDBZRG4 Datasheet HTML 5Page - Texas Instruments TLVH431QDBZRG4 Datasheet HTML 6Page - Texas Instruments TLVH431QDBZRG4 Datasheet HTML 7Page - Texas Instruments TLVH431QDBZRG4 Datasheet HTML 8Page - Texas Instruments TLVH431QDBZRG4 Datasheet HTML 9Page - Texas Instruments TLVH431QDBZRG4 Datasheet HTML 10Page - Texas Instruments TLVH431QDBZRG4 Datasheet HTML 11Page - Texas Instruments TLVH431QDBZRG4 Datasheet HTML 12Page - Texas Instruments TLVH431QDBZRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
www.ti.com
aVREF
ppm
oC +
VREF(dev)
VREF (TA+25oC)
106
DTA
zKA +
ΔVKA
ΔIK
zKA +
ΔV
ΔI
[ zKA
1 ) R1
R2
TLVH431A Electrical Characteristics
DVREF
DVKA
TLVH431,, TLVH431A,, TLVH431B
TLVH432, TLVH432A, TLVH432B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS555G–NOVEMBER 2004–REVISED JANUARY 2006
at 25°C free-air temperature (unless otherwise noted)
TLVH431A
TLVH432A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TA =25°C
1.228
1.24
1.252
TLVH431AC
1.221
1.259
VKA =VREF,
VREF
Reference voltage
V
TA = full range,
IK =10mA
TLVH431AI
1.215
1.265
See Figure 1)(1)
TLVH431AQ
1.209
1.271
TLVH431AC
4
12
VREF deviation over full
VREF(dev)
VKA =VREF,IK = 10 mA, See Figure 1(1)
TLVH431AI
6
20
mV
temperature range(2)
TLVH431AQ
11
31
Ratio of VREF change to
VK =VREF to 18 V, IK = 10 mA, See Figure 2
–1.5
–2.7 mV/V
cathode voltage change
Iref
Reference terminal current
IK =10mA, R1 =10kΩ, R2 = open, See Figure 2
0.1
0.5
μA
TLVH431AC
0.05
0.3
Iref deviation over full
IK =10mA, R1 =10kΩ, R2 = open,
Iref(dev)
TLVH431AI
0.1
0.4
μA
temperature range(2)
See Figure 2(1)
TLVH431AQ
0.15
0.5
Minimum cathode current
IK(min)
VKA =VREF,See Figure 1
60
100
μA
for regulation
IK(off)
Off-state cathode current
VREF =0,VKA =18V,See Figure 3
0.02
0.1
μA
VKA =VREF,f ≤ 1kHz,IK = 0.1 mA to 80 mA,
|zKA|
Dynamic impedance(3)
0.25
0.4
Ω
See Figure 1
(1) Full temperature ranges are –40°C to 125°C for TLVH431Q, –40°Cto85°C for TLVH431I, and 0°Cto70°C for TLVH431C.
(2) The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained over
the rated temperature range. The average full-range temperature coefficient of the reference input voltage, αVREF, is defined as:
where ΔTA is the rated operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the lower
temperature.
(3) The dynamic impedance is defined as:
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is defined as:
9


Similar Part No. - TLVH431QDBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431QDBZRG4 TI-TLVH431QDBZRG4 Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLVH431QDBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com