Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C56ZD4A-GT2E Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT93C56ZD4A-GT2E
Description  2K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C56ZD4A-GT2E Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT93C56ZD4A-GT2E Datasheet HTML 1Page - Catalyst Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 2Page - Catalyst Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 3Page - Catalyst Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 4Page - Catalyst Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 5Page - Catalyst Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 6Page - Catalyst Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 7Page - Catalyst Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 8Page - Catalyst Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
CAT93C56/57
Doc. No. 1088, Rev. O
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +5.5V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC1
Power Supply Current
fSK = 1MHz
3
mA
(Write)
VCC = 5.0V
ICC2
Power Supply Current
fSK = 1MHz
500
µA
(Read)
VCC = 5.0V
ISB1
Power Supply Current
CS = 0V
10
µA
(Standby) (x8 Mode)
ORG=GND
ISB2
Power Supply Current
CS=0V
0
10
µA
(Standby) (x16Mode)
ORG=Float or VCC
ILI
Input Leakage Current
VIN = 0V to VCC
1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC,1
µA
(Including ORG pin)
CS = 0V
VIL1
Input Low Voltage
4.5V
≤ VCC < 5.5V
-0.1
0.8
V
VIH1
Input High Voltage
4.5V
≤ VCC < 5.5V
2
VCC + 1
V
VIL2
Input Low Voltage
1.8V
≤ VCC < 4.5V
0
VCC x 0.2
V
VIH2
Input High Voltage
1.8V
≤ VCC < 4.5V
VCC x 0.7
VCC+1
V
VOL1
Output Low Voltage
4.5V
≤ VCC < 5.5V
0.4
V
IOL = 2.1mA
VOH1
Output High Voltage
4.5V
≤ VCC < 5.5V
2.4
V
IOH = -400
µA
VOL2
Output Low Voltage
1.8V
≤ VCC < 4.5V
0.2
V
IOL = 1mA
VOH2
Output High Voltage
1.8V
≤ VCC < 4.5V
VCC - 0.2
V
IOH = -100
µA
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias .................. -55
°C to +125°C
Storage Temperature ........................ -65
°C to +150°C
Voltage on any Pin with
Respect to Ground(1) ............. -2.0V to +VCC +2.0V
VCC with Respect to Ground ................ -2.0V to +7.0V
Package Power Dissipation
Capability (TA = 25
°C) ................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Typ
Max
Units
NEND(3)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR(3)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP(3)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH(3)(4)
Latch-Up
JEDEC Standard 17
100
mA
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.


Similar Part No. - CAT93C56ZD4A-GT2E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56ZD4A-GT2E ONSEMI-CAT93C56ZD4A-GT2E Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results

Similar Description - CAT93C56ZD4A-GT2E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
logo
Fairchild Semiconductor
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56A FAIRCHILD-NM93C56A Datasheet
111Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93C56A MICROCHIP-93C56A Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com