Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC64GXITE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT24FC64GXITE13
Description  64K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC64GXITE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24FC64GXITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC64GXITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC64GXITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC64GXITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC64GXITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC64GXITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC64GXITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC64GXITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC64GXITE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Discontinued
Part
Catalyst Semiconductor, Inc.
Corporate Headquarters
1250 Borregas Avenue
Sunnyvale, CA 94089
Phone: 408.542.1000
Fax: 408.542.1200
www.catalyst-semiconductor.com
Copyrights, Trademarks and Patents
Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP ™
AE2
MiniPot™
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents
issued to Catalyst Semiconductor contact the Company’s corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS
PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE
RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING
OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a
situation where personal injury or death may occur.
Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets
labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale.
Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate
typical semiconductor applications and may not be complete.
REVISION HISTORY
e
t
a
Dn
o
i
s
i
v
e
Rs
t
n
e
m
m
o
C
4
0
/
3
0
/
3
0C
)
s
a
e
r
a
ll
a
n
i
d
e
t
a
d
p
u
(
e
g
a
k
c
a
p
P
O
S
S
T
n
i
p
-
8
d
e
d
d
A
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
g
n
i
t
a
r
e
p
O
C
D
d
e
t
a
d
p
U
g
n
i
m
i
T
p
U
-
r
e
w
o
P
d
e
t
a
d
p
U
4
0
/
6
2
/
3
0D
y
r
a
n
i
m
il
e
r
P
o
t
n
o
i
t
a
n
g
i
s
e
d
e
c
n
a
v
d
A
d
e
g
n
a
h
C
4
0
/
2
0
/
4
0E
n
o
i
t
a
n
g
i
s
e
d
t
e
e
h
s
a
t
a
d
d
e
t
a
n
i
m
il
E
4
0
/
5
1
/
5
0F
s
e
r
u
t
a
e
F
e
t
a
d
p
U
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
g
n
i
t
a
r
e
p
O
.
C
.
D
e
t
a
d
p
U
s
t
i
m
i
L
e
l
c
y
C
e
t
i
r
W
&
d
a
e
R
e
t
a
d
p
U
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
e
t
a
d
p
U
y
r
o
t
s
i
H
n
o
i
s
i
v
e
R
e
t
a
d
p
U
r
e
b
m
u
N
v
e
R
e
t
a
d
p
U
4
0
/
7
0
/
6
0G
)
e
m
i
T
e
l
c
y
C
e
t
i
r
W
(
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
e
t
a
d
p
U
4
0
/
7
2
/
7H
2
e
g
a
p
n
o
s
e
t
o
n
e
t
a
d
p
U
4
0
/
5
2
/
8I
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
n
i
s
e
t
o
n
e
t
a
d
p
U
5
0
/
4
2
/
3
0J
s
e
r
u
t
a
e
F
e
t
a
d
p
U
n
o
i
t
p
i
r
c
s
e
D
e
t
a
d
p
U
s
n
o
i
t
c
n
u
F
n
i
P
e
t
a
d
p
U
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
y
t
il
i
b
a
il
e
R
e
t
a
d
p
U
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
g
n
i
t
a
r
e
p
O
.
C
.
D
e
t
a
d
p
U
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
.
C
.
A
e
t
a
d
p
U
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
e
t
a
d
p
U
5
0
/
3
0
/
8
0K
n
o
i
t
a
r
u
g
i
f
n
o
C
n
i
P
e
t
a
d
p
U
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
e
t
a
d
p
U
Publication #:
1046
Revison:
K
Issue date:
08/03/05


Similar Part No. - CAT24FC64GXITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64JETE13 CATALYST-CAT24FC64JETE13 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64JETE13REV-D CATALYST-CAT24FC64JETE13REV-D Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64JITE13 CATALYST-CAT24FC64JITE13 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64JITE13REV-D CATALYST-CAT24FC64JITE13REV-D Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC64GXITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
   64K I2C??Serial EEPROM
07/28/03
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com