Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT808NTBI-30T3 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT808NTBI-30T3
Description  Low-Power Precision Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT808NTBI-30T3 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT808NTBI-30T3 Datasheet HTML 1Page - Catalyst Semiconductor CAT808NTBI-30T3 Datasheet HTML 2Page - Catalyst Semiconductor CAT808NTBI-30T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT808NTBI-30T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT808NTBI-30T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT808NTBI-30T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT808NTBI-30T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT808NTBI-30T3 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAT808
Doc. No. 3024 Rev. A
4
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
0.00
2.00
4.00
6.00
8.00
10.00
1.00
1.50
2.00
2.50
VDD (V)
TYPICAL ELECTRICAL OPERATING CHARACTERISTICS
Typical values at TA = 25°C.
VDD Supply Current vs. VDD Supply Voltage
VDET Detection Voltage vs. Temperature
Response time vs. Load Capacitance
IOUT Transistor Output Current vs. VDD Supply Voltage
+25ºC
+90ºC
-40ºC
0
1
2
3
4
5
23
4
56
Supply Voltage (V)
2.695
2.7
2.705
2.71
-40
-5
30
65
100
Temperature (ºC)
0.01
0.1
1
10
100
0.000001 0.00001
0.0001
0.001
0.01
0.1
Load capacitance [nF]
0.001
0.01
0.1
1
10
100
TPLH
TPHL


Similar Part No. - CAT808NTBI-30T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT808NTDI-25GT3 ONSEMI-CAT808NTDI-25GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
CAT808NTDI-27GT3 ONSEMI-CAT808NTDI-27GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
CAT808NTDI-32GT3 ONSEMI-CAT808NTDI-32GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
CAT808NTDI-35GT3 ONSEMI-CAT808NTDI-35GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
More results

Similar Description - CAT808NTBI-30T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT808 ONSEMI-CAT808 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com