Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL38DWG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100LVEL38DWG
Description  3.3V ECL 첨2, 첨4/6 Clock Generation Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL38DWG Datasheet(HTML) 5 Page - ON Semiconductor

  MC100LVEL38DWG Datasheet HTML 1Page - ON Semiconductor MC100LVEL38DWG Datasheet HTML 2Page - ON Semiconductor MC100LVEL38DWG Datasheet HTML 3Page - ON Semiconductor MC100LVEL38DWG Datasheet HTML 4Page - ON Semiconductor MC100LVEL38DWG Datasheet HTML 5Page - ON Semiconductor MC100LVEL38DWG Datasheet HTML 6Page - ON Semiconductor MC100LVEL38DWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC100LVEL38
http://onsemi.com
5
Table 6. AC CHARACTERISTICS VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 7)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
(Divide by 2)
1.0
1.2
1.0
1.2
1.0
1.2
GHz
tPLH
tPHL
Propagation Delay to Output
CLK to Q (Differential)
CLK to Q (Single−Ended)
CLK to Phase_Out (Differential)
CLK to Phase_Out (Single−Ended)
MR to.Q
810
710
800
750
510
1010
1010
1000
1050
810
850
750
840
790
540
1050
1050
1040
1090
840
900
800
890
840
570
1100
1100
1090
1140
870
ps
tSKEW
Within-Device Skew (Note 8) Q0 − Q3
All
50
75
50
75
50
75
ps
Part-to-Part
Q0 − Q3 (Differential)
All
200
240
200
240
200
240
tS
Setup Time
EN to CLK
DIVSEL to CLK
150
150
150
ps
tH
Hold Time
CLK to EN
CLK to Div_Sel
150
200
150
200
150
200
ps
VPP
Input Swing (Note 9)
CLK
250
1000
250
1000
250
1000
mV
tRR
Reset Recovery Time
100
100
100
ps
tPW
Minimum Pulse Width
CLK
MR
800
700
800
700
800
700
ps
tr, tf
Output Rise/Fall Times Q (20% − 80%)
280
550
280
550
280
550
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. VEE can vary ±0.3 V.
8. Skew is measured between outputs under identical transitions.
9. VPP(min) is minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to
100 mV.
Figure 4. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100LVEL38DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL38DWG ONSEMI-MC100LVEL38DWG Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
More results

Similar Description - MC100LVEL38DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EL38 MICREL-SY10EL38 Datasheet
73Kb / 6P
   5V/3.3V 첨2, 첨4/6 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com