Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC12833YA-1.8TE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24WC12833YA-1.8TE13
Description  128K-Bit I2C Serial CMOS EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC12833YA-1.8TE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24WC12833YA-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC12833YA-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC12833YA-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC12833YA-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC12833YA-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC12833YA-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC12833YA-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC12833YA-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC12833YA-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CAT24WC128
3
Doc. No. 1038, Rev. E
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During
the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave
address.
Power-Up Timing (1)(2)
Symbol
Parameter
Max.
Units
tPUR
Power-Up to Read Operation
1
ms
tPUW
Power-Up to Write Operation
1
ms
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
FUNCTIONAL DESCRIPTION
The CAT24WC128 supports the I2C Bus data transmis-
sion protocol. This Inter-Integrated Circuit Bus protocol
defines any device that sends data to the bus to be a
transmitter and any device receiving data to be a re-
ceiver. The transfer is controlled by the Master device
which generates the serial clock and all START and
A.C. CHARACTERISTICS
VCC = +1.8V to +6V, unless otherwise specified
Output Load is 1 TTL Gate and 100pF
Read & Write Cycle Limits
Symbol
Parameter
VCC=1.8V - 6.0V VCC=2.5V - 6.0V VCC=3.0V - 5.5V
Min.
Max.
Min.
Max.
Min.
Max.
Units
FSCL
Clock Frequency
100
400
1000
kHz
tAA
SCL Low to SDA Data Out
0.1
3.5
0.05
0.9
0.05
0.55
µs
and ACK Out
tBUF(1)
Time the Bus Must be Free Before
4.7
1.2
0.5
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4.0
0.6
0.25
µs
tLOW
Clock Low Period
4.7
1.2
0.6
µs
tHIGH
Clock High Period
4.0
0.6
0.4
µs
tSU:STA
Start Condition Setup Time
4.0
0.6
0.25
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
0
0
ns
tSU:DAT
Data In Setup Time
100
100
100
ns
tR(1)
SDA and SCL Rise Time
1.0
0.3
0.3
µs
tF(1)
SDA and SCL Fall Time
300
300
100
ns
tSU:STO
Stop Condition Setup Time
4.7
0.6
0.25
µs
tDH
Data Out Hold Time
100
50
50
ns
tWR
Write Cycle Time
10
10
10
ms
STOP conditions for bus access. The CAT24WC128
operates as a Slave device. Both the Master device and
Slave device can operate as either transmitter or re-
ceiver, but the Master device controls which mode is
activated.


Similar Part No. - CAT24WC12833YA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
More results

Similar Description - CAT24WC12833YA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24AA128 MICROCHIP-24AA128_09 Datasheet
618Kb / 32P
   128K I2C??CMOS Serial EEPROM
2009
24AA128-I MICROCHIP-24AA128-I Datasheet
361Kb / 26P
   128K I2C CMOS Serial EEPROM
12/08/06
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com