Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28C256L-15T Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT28C256L-15T
Description  256K-Bit Parallel EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C256L-15T Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT28C256L-15T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 9Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 10Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT28C256
7
Doc. No. 1004, Rev. D
Page Write
The page write mode of the CAT28C256 (essentially an
extended BYTE WRITE mode) allows from 1 to 64 bytes
of data to be programmed within a single EEPROM write
cycle. This effectively reduces the byte-write time by a
factor of 64.
Following an initial WRITE operation (WE pulsed low, for
tWP, and then high) the page write mode can begin by
issuing sequential WE pulses, which load the address
and data bytes into a 64 byte temporary buffer. The page
address where data is to be written, specified by bits A6
to A14, is latched on the last falling edge of WE. Each
byte within the page is defined by address bits A0 to A5
(which can be loaded in any order) during the first and
subsequent write cycles. Each successive byte load
cycle must begin within tBLC MAX of the rising edge of the
preceding WE pulse. There is no page write window
limitation as long as WE is pulsed low within tBLC MAX.
Upon completion of the page write sequence, WE must
stay high a minimum of tBLC MAX for the internal auto-
matic program cycle to commence. This programming
cycle consists of an erase cycle, which erases any data
that existed in each addressed cell, and a write cycle,
which writes new data back into the cell. A page write will
only write data to the locations that were addressed and
will not rewrite the entire page.
Figure 5. Byte Write Cycle [CE Controlled]
Figure 6. Page Mode Write Cycle
OE
CE
WE
ADDRESS
I/O
tWP
tBLC
BYTE 0
BYTE 1
BYTE 2
BYTE n
BYTE n+1
BYTE n+2
LAST BYTE
tWC
ADDRESS
CE
OE
WE
DATA OUT
tAS
DATA IN
DATA VALID
HIGH-Z
tAH
tWC
tOEH
tDH
tDS
tOES
tBLC
tCH
tCS
tCW


Similar Part No. - CAT28C256L-15T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C256L-15T ONSEMI-CAT28C256L-15T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
More results

Similar Description - CAT28C256L-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257_04 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28LV256 ONSEMI-CAT28LV256 Datasheet
81Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1071, Rev. E
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com