Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F010NI-12T Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT28F010NI-12T
Description  1 Megabit CMOS Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F010NI-12T Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT28F010NI-12T Datasheet HTML 1Page - Catalyst Semiconductor CAT28F010NI-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28F010NI-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28F010NI-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28F010NI-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F010NI-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F010NI-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F010NI-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F010NI-12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
DESCRIPTION
The CAT28F010 is a high speed 128K x 8-bit electrically
erasable and reprogrammable Flash memory ideally
suited for applications requiring in-system or after-sale
code updates. Electrical erasure of the full memory
contents is achieved typically within 0.5 second.
It is pin and Read timing compatible with standard
EPROM and EEPROM devices.
Programming and
Erase are performed through an operation and verify
algorithm. The instructions are input via the I/O bus,
using a two write cycle scheme. Address and Data are
latched to free the I/O bus and address bus during the
write operation.
The CAT28F010 is manufactured using Catalyst’s
advanced CMOS floating gate technology. It is designed
to endure 100,000 program/erase cycles and has a data
retention of 10 years. The device is available in JEDEC
approved 32-pin plastic DIP, 32-pin PLCC or 32-pin
TSOP packages.
BLOCK DIAGRAM
FEATURES
I Fast read access time: 90/120 ns
I Low power CMOS dissipation:
–Active: 30 mA max (CMOS/TTL levels)
–Standby: 1 mA max (TTL levels)
–Standby: 100
µA max (CMOS levels)
I High speed programming:
–10
µs per byte
–2 Sec Typ Chip Program
I 0.5 seconds typical chip-erase
I 12.0V
± 5% programming and erase voltage
I Stop timer for program/erase
I Commercial, industrial and automotive
temperature ranges
I On-chip address and data latches
I JEDEC standard pinouts:
–32-pin DIP
–32-pin PLCC
–32-pin TSOP (8 x 20)
I 100,000 program/erase cycles
I 10 year data retention
I Electronic signature
CAT28F010
1 Megabit CMOS Flash Memory
Licensed Intel second source
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1019, Rev. D
I/O0–I/O7
I/O BUFFERS
CE, OE LOGIC
SENSE
AMP
DATA
LATCH
ERASE VOLTAGE
SWITCH
PROGRAM VOLTAGE
SWITCH
COMMAND
REGISTER
CE
OE
WE
VOLTAGE VERIFY
SWITCH
Y-DECODER
X-DECODER
Y-GATING
1,048,576 BIT
MEMORY
ARRAY
A0–A16
ALO
GEN FR
TM
LEAD FREE


Similar Part No. - CAT28F010NI-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F010NI-12T CATALYST-CAT28F010NI-12T Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
More results

Similar Description - CAT28F010NI-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com