Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10103 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10103
Description  Quad 2-Input OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10103 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10103_02 Datasheet HTML 1Page - ON Semiconductor MC10103_02 Datasheet HTML 2Page - ON Semiconductor MC10103_02 Datasheet HTML 3Page - ON Semiconductor MC10103_02 Datasheet HTML 4Page - ON Semiconductor MC10103_02 Datasheet HTML 5Page - ON Semiconductor MC10103_02 Datasheet HTML 6Page - ON Semiconductor MC10103_02 Datasheet HTML 7Page - ON Semiconductor MC10103_02 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10103
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
29
21
26
29
mAdc
Input Current
IinH
4*
390
245
245
µAdc
IinL
4*
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
2
9
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
9
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
9
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
9
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Switching Times (50
Ω Load)
ns
Propagation Delay
t4+2+
t12+9–
2
9
1.0
1.0
3.1
3.1
1.0
1.0
2.0
2.0
2.9
2.9
1.0
1.0
3.3
3.3
Rise Time
(20 to 80%)
t2+
2
1.1
3.6
1.1
2.0
3.3
1.1
3.7
Fall Time
(20 to 80%)
t2–
2
1.1
3.6
1.1
2.0
3.3
1.1
3.7
* Individually test each input applying VIH or VIL to input under test.


Similar Part No. - MC10103_02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10103 ONSEMI-MC10103 Datasheet
100Kb / 5P
   Quad 2-Input OR Gate
1996 REV 5
More results

Similar Description - MC10103_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com