Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10104 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10104
Description  Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10104 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10104_02 Datasheet HTML 1Page - ON Semiconductor MC10104_02 Datasheet HTML 2Page - ON Semiconductor MC10104_02 Datasheet HTML 3Page - ON Semiconductor MC10104_02 Datasheet HTML 4Page - ON Semiconductor MC10104_02 Datasheet HTML 5Page - ON Semiconductor MC10104_02 Datasheet HTML 6Page - ON Semiconductor MC10104_02 Datasheet HTML 7Page - ON Semiconductor MC10104_02 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 7
1
Publication Order Number:
MC10104/D
MC10104
Quad 2-Input AND Gate
The MC10104 is a quad 2–input AND gate. One of the gates has
both AND/NAND outputs available.
P
D = 35 mW typ/gate (No Load)
t
pd = 2.7 ns typ
t
r, tf = 2.0 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
14
13
12
11
10
3
7
6
2
5
4
9
15
DIP
PIN ASSIGNMENT
VCC1
AOUT
BOUT
AIN
AIN
BIN
BIN
VEE
VCC2
DOUT
COUT
DIN
DIN
CIN
CIN
DOUT
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10104L
CDIP–16
25 Units / Rail
MC10104P
PDIP–16
25 Units / Rail
MC10104FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10104L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10104
AWLYYWW
1
1
16
MC10104P
AWLYYWW


Similar Part No. - MC10104_02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10104 ONSEMI-MC10104 Datasheet
102Kb / 5P
   Quad 2-Input AND Gate
1996 REV 5
More results

Similar Description - MC10104_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com