Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C66LI-GT3 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT93C66LI-GT3
Description  4-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C66LI-GT3 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT93C66LI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C66LI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C66LI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C66LI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C66LI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C66LI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C66LI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C66LI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT93C66LI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CAT93C66
© 2007 Catalyst Semiconductor, Inc.
7
Doc. No. 1089 Rev. P
Characteristics subject to change without notice
Write
After receiving a WRITE command (Figure 4), address
and the data, the CS (Chip Select) pin must be
deselected for a minimum of tCSMIN. The falling edge of
CS will start the self clocking clear and data store cycle
of the memory location specified in the instruction. The
clocking of the SK pin is not necessary after the device
has entered the self clocking mode. The ready/busy
status of the CAT93C66 can be determined by
selecting the device and polling the DO pin. Since this
device features Auto-Clear before write, it is NOT
necessary to erase a memory location before it is
written into.
Erase
Upon receiving an ERASE command and address,
the CS (Chip Select) pin must be deasserted for a
minimum of tCSMIN (Figure 5). The falling edge of CS
will start the self clocking clear cycle of the selected
memory location. The clocking of the SK pin is not
necessary after the device has entered the self
clocking mode. The ready/ busy status of the
CAT93C66 can be determined by selecting the device
and polling the DO pin. Once cleared, the content of a
cleared location returns to a logical “1” state.
Figure 3. EWEN/EWDS Instruction Timing
Figure 4. Write Instruction Timing
Figure 5. Erase Instruction Timing
CS
DI
STANDBY
10
0
*
* ENABLE = 11
DISABLE = 00
SK
SK
CS
DI
DO
tCSMIN
STANDBY
HIGH-Z
HIGH-Z
10
1
AN AN-1
A0
DN
D0
BUSY
READY
STATUS
VERIFY
tSV
tHZ
tEW
SK
CS
DI
DO
STANDBY
HIGH-Z
HIGH-Z
1
AN
AN-1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
tCS
11
A0


Similar Part No. - CAT93C66LI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
April, 2012 ??Rev. 11
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
More results

Similar Description - CAT93C66LI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
CAT93C6612KI-28TE13 ONSEMI-CAT93C6612KI-28TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
N93C66 ONSEMI-N93C66 Datasheet
82Kb / 9P
   4 Kb Microwire Serial CMOS EEPROM
October, 2017 ??Rev. 0
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com