Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10105 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10105
Description  Triple 2-3-2-Input OR/NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10105 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10105 Datasheet HTML 1Page - ON Semiconductor MC10105 Datasheet HTML 2Page - ON Semiconductor MC10105 Datasheet HTML 3Page - ON Semiconductor MC10105 Datasheet HTML 4Page - ON Semiconductor MC10105 Datasheet HTML 5Page - ON Semiconductor MC10105 Datasheet HTML 6Page - ON Semiconductor MC10105 Datasheet HTML 7Page - ON Semiconductor MC10105 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10105
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
23
17
21
23
mAdc
Input Current
IinH
4
425
265
265
µAdc
IinL
4
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
3
2
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
3
2
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
3
2
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
3
2
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Switching Times (50
Ω Load)
ns
Propagation Delay
t4+3–
t4–3+
t4+2+
t4–2–
3
3
2
2
1.0
1.0
1.0
1.0
3.1
3.1
3.1
3.1
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.9
2.9
2.9
2.9
1.0
1.0
1.0
1.0
3.3
3.3
3.3
3.3
Rise Time
(20 to 80%)
t3+
t2+
3
2
1.1
1.1
3.6
3.6
1.1
1.1
2.0
2.0
3.3
3.3
1.1
1.1
3.7
3.7
Fall Time
(20 to 80%)
t3–
t2–
3
2
1.1
1.1
3.6
3.6
1.1
1.1
2.0
2.0
3.3
3.3
1.1
1.1
3.7
3.7


Similar Part No. - MC10105

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10105FN ONSEMI-MC10105FN Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10105FNR2 ONSEMI-MC10105FNR2 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10105L ONSEMI-MC10105L Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10105LR2 ONSEMI-MC10105LR2 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
More results

Similar Description - MC10105

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10H105 ONSEMI-MC10H105 Datasheet
94Kb / 3P
   Triple 2-3-2-Input OR/NOR Gate
REV 5
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10107 ONSEMI-MC10107_02 Datasheet
108Kb / 8P
   Triple 2-Input Exclusive OR/ Exclusive NOR Gate
January, 2002 ??Rev. 7
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC1674 MOTOROLA-MC1674 Datasheet
505Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-NOR GATE
logo
Micrel Semiconductor
SY100S302 MICREL-SY100S302_07 Datasheet
79Kb / 4P
   QUINT 2-INPUT OR/NOR GATE
logo
National Semiconductor ...
F100102 NSC-F100102 Datasheet
95Kb / 3P
   QUINT 2-INPUT OR-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com