Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C46VP2IT2 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT93C46VP2IT2
Description  1-Kb Microwire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C46VP2IT2 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT93C46VP2IT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
Doc. No. 1106, Rev. F
CAT93C46
1-Kb Microwire Serial EEPROM
FEATURES
s High speed operation: 2MHz
s 1.8V to 5.5V supply voltage range
s Selectable x8 or x16 memory organization
s Self-timed write cycle with auto-clear
s Software write protection
s Power-up inadvertant write protection
s Low power CMOS technology
s 1,000,000 Program/erase cycles
s 100 year data retention
s Industrial temperature ranges
s RoHS-compliant 8-pin PDIP, SOIC, TSSOP and
8-pad TDFN packages
PIN CONFIGURATION
PDIP (L)
SOIC (V, X)
TSSOP (Y)
TDFN (VP2)
SOIC (W)
DESCRIPTION
The CAT93C46 is a 1K-bit Serial EEPROM memory
device which is configured as either 64 registers of 16
bits (ORG pin at VCC) or 128 registers of 8 bits (ORG pin
at GND). Each register can be written (or read) serially
by using the DI (or DO) pin. The CAT93C46 features a
self-timed internal write with auto-clear. On-chip Power-
On Reset circuit protects the internal logic against
powering up in the wrong state.
FUNCTIONAL SYMBOL
Note: When the ORG pin is connected to VCC, the x16 organization
is selected. When it is connected to ground, the x8 organization is
selected. If the ORG pin is left unconnected, then an internal pullup
device will select the x16 organization.
CS
SK
DI
ORG
DO
CAT93C46
VCC
GND
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
Power Supply
GND
Ground
ORG
Memory Organization
NC
No Connection
8
7
6
5
VCC
NC
ORG
GND
DI
CS
SK
DO
1
2
3
4
8
7
6
5
ORG
GND
DO
DI
CS
NC
VCC
SK
1
2
3
4
For Ordering Information details, see page 13.


Similar Part No. - CAT93C46VP2IT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46VP2I-GT2 ONSEMI-CAT93C46VP2I-GT2 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46VP2I-GT3 ONSEMI-CAT93C46VP2I-GT3 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46VP2I-T2 ONSEMI-CAT93C46VP2I-T2 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46VP2I-T3 ONSEMI-CAT93C46VP2I-T3 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46VP2IGT3 ONSEMI-CAT93C46VP2IGT3 Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results

Similar Description - CAT93C46VP2IT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
CAT93HC46 CATALYST-CAT93HC46_05 Datasheet
239Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com