Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F020 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT28F020
Description  2 Megabit CMOS Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F020 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT28F020 Datasheet HTML 2Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 3Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 4Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 5Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 6Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 7Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 8Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 9Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT28F020
6
Doc. No. 1029, Rev. C
ERASE AND PROGRAMMING PERFORMANCE(1)
28F020-90
28F020-12
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Chip Erase Time(3)(5)
0.5
10
0.5
10
sec
Chip Program Time(3)(4)
4
25
4
25
sec
A.C. CHARACTERISTICS, Program/Erase Operation
VCC = +5V ±10%, unless otherwise specified. (See Note 6)
JEDEC
Standard
28F020-90
28F020-12
Symbol
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
tAVAV
tWC
Write Cycle Time
90
120
ns
tAVWL
tAS
Address Setup Time
0
0
ns
tWLAX
tAH
Address Hold Time
40
40
ns
tDVWH
tDS
Data Setup Time
40
40
ns
tWHDX
tDH
Data Hold Time
10
10
ns
tELWL
tCS
CE Setup Time
0
0
ns
tWHEH
tCH
CE Hold Time
0
0
ns
tWLWH
tWP
WE Pulse Width
40
40
ns
tWHWL
tWPH
WE High Pulse Width
20
20
ns
tWHWH1(2)
-
Program Pulse Width
10
10
µs
tWHWH2(2)
-
Erase Pulse Width
9.5
9.5
ms
tWHGL
-
Write Recovery Time Before Read
6
6
µs
tGHWL
-
Read Recovery Time Before Write
0
0
µs
tVPEL
-VPP Setup Time to CE
100
100
ns
Note:
1.
Please refer to Supply characteristics for the value of VPPH and VPPL. The VPP supply can be either hardwired or switched. If VPP is switched,
VPPL can be ground, less than VCC + 2.0V or a no connect with a resistor tied to ground.
2.
Program and Erase operations are controlled by internal stop timers.
3.
‘Typicals’ are not guaranteed, but based on characterization data. Data taken at 25
°C, 12.0V VPP.
4.
Minimum byte programming time (excluding system overhead) is 16
µs (10 µs program + 6 µs write recovery), while maximum is 400 µs/
byte (16
µs x 25 loops). Max chip programming time is specified lower than the worst case allowed by the programming algorithm since
most bytes program significantly faster than the worst case byte.
5.
Excludes 00H Programming prior to Erasure.
6.
CAT28F020-90, VCCMIN = 4.75 V


Similar Part No. - CAT28F020

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020 ONSEMI-CAT28F020 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020 ONSEMI-CAT28F020 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020 ONSEMI-CAT28F020 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
More results

Similar Description - CAT28F020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020N-15 ONSEMI-CAT28F020N-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com