Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7912ACD2T Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC7912ACD2T
Description  1.0 A Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7912ACD2T Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC7912ACD2T Datasheet HTML 4Page - ON Semiconductor MC7912ACD2T Datasheet HTML 5Page - ON Semiconductor MC7912ACD2T Datasheet HTML 6Page - ON Semiconductor MC7912ACD2T Datasheet HTML 7Page - ON Semiconductor MC7912ACD2T Datasheet HTML 8Page - ON Semiconductor MC7912ACD2T Datasheet HTML 9Page - ON Semiconductor MC7912ACD2T Datasheet HTML 10Page - ON Semiconductor MC7912ACD2T Datasheet HTML 11Page - ON Semiconductor MC7912ACD2T Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC7900 Series
http://onsemi.com
8
Figure 2. Worst Case Power Dissipation as a
Function of Ambient Temperature
Figure 3. Peak Output Current as a Function
of Input−Output Differential Voltage
Figure 4. Ripple Rejection as a
Function of Frequency
Figure 5. Ripple Rejection as a Function
of Output Voltage
Figure 6. Output Voltage as a Function
of Junction Temperature
Figure 7. Quiescent Current as a
Function of Temperature
Infinite Heatsink
qHS = 5°C/W
qHS = 15°C/W
No Heatsink
qJC = 5° C/W
qJA = 65° C/W
PD(max) = 15W
Vin = −11 V
VO = −6.0 V
IO = 20 mA
f = 120 Hz
IO = 20 mA
DVin = 1.0 V(RMS)
Vin = −11 V
VD = −6.0 V
IO = 20 mA
Vin = −11 V
VO = −6.0 V
IO = 20 mA
TJ = +25°C
20
10
5.0
4.0
3.0
2.0
1.0
0.5
0.4
0.3
0.2
0.1
2.5
2.0
1.5
1.0
0.5
0
100
80
60
40
20
80
70
60
50
40
6.26
6.22
6.18
6.14
6.10
6.06
5.2
5.0
4.8
4.6
4.4
4.2
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
0
3.0
6.0
9.0
12
15
18
21
24
27
30
|VI −VO| INPUT−OUTPUT VOLTAGE DIFFERENTIAL (V)
10
100
1.0 k
10 k
100 k
f, FREQUENCY (Hz)
2.0
4.0
6.0
8.0
10
12
14
16
18
20
22
VO, OUTPUT VOLTAGE (V)
−25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (°C)
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (°C)
0


Similar Part No. - MC7912ACD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7912ACD2T ONSEMI-MC7912ACD2T Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
logo
Motorola, Inc
MC7912ACD2T MOTOROLA-MC7912ACD2T Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7912ACD2T ONSEMI-MC7912ACD2T Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7912ACD2T ONSEMI-MC7912ACD2T Datasheet
194Kb / 16P
   1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
MC7912ACD2TG ONSEMI-MC7912ACD2TG Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
More results

Similar Description - MC7912ACD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900_13 Datasheet
194Kb / 16P
   1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
MC7900 ONSEMI-MC7900 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com