Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C11LATE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT25C11LATE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C11LATE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT25C11LATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C11LATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C11LATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C11LATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C11LATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C11LATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C11LATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C11LATE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C11LATE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Discontinued
Parts
8
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. L
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 6. Write Instruction Timing
SK
SI
SO
00
00
X*
0
10
D7
D6
D5
D4
D3
D2
D1
D0
012345678
21
22
23
24
25
26
27
28
29
30
31
CS
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
**
AN
A0
*Please check the Byte Address Table
X = 0 for CAT25C11, CAT25C03, CAT25C09 and CAT25C17; X = A8 for CAT25C05
Note: Dashed Line= mode (1, 1) – –––
device. If the write operation is initiated immediately after
the WREN instruction without
CS being brought high,
the data will not be written to the array because the write
up to 16 bytes of data to the CAT25C11/03/05 and 32
bytes of data for 25C09/17. After each byte of data
received, lower order address bits are internally
incremented by one; the high order bits of address
willremain constant.The only restriction is that the X
(X=16 for 25C11/03/05 and X=32 for 25C09/17) bytes
must reside on the same page. If the address counter
reaches the end of the page and clock continues, the
counter will “roll over” to the first address of the page and
overwrite any data that may have been written. The
CAT25C11/03/05/09/17 is automatically returned to the
write disable state at the completion of the write cycle.
Figure 8 illustrates the page write sequence.
To write to the status register, the WRSR instruction
should be sent. Only Bit 2, Bit 3, Bit 4 and Bit 7 of the
status register can be written using the write status
register instruction. Figure 7 illustrates the sequence of
writing to status register.
enable latch will not have been properly set. Also, for a
successful write operation the address of the memory
location(s) to be programmed must be outside the pro-
tected address field.
Byte Write
Once the device is in a Write Enable state, the user may
proceed with a write sequence by setting the
CS low,
issuing a write instruction via the SI line, followed by the
16-bit address for 25C09/17. (only 10-bit addresses are
used for 25C09, 11-bit addresses are used for 25C17.
The rest of the bits are don't care bits) and 8-bit address
for 25C11/03/05 (for the 25C05, bit 3 of the read data
instruction contains address A8). Programming will start
after the
CS is brought high. Figure 6 illustrates byte write
sequence.
Page Write
The CAT25C11/03/05/09/17 features page write capa-
bility. After the initial byte, the host may continue to write
after the WREN instruction to enable writes to thee
Figure 5. RDSR Instruction Timing
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
CS
00
0
00
1
0
1
Note: Dashed Line= mode (1, 1) – – – –


Similar Part No. - CAT25C11LATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11LA-1.8TE13 CATALYST-CAT25C11LA-1.8TE13 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C11LA-TE13 CATALYST-CAT25C11LA-TE13 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C11LATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com