Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


MC1496BD Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC1496BD
Description  Balanced Modulators/Demodulators
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 1 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 10
1
Publication Order Number:
MC1496/D
MC1496, MC1496B
Balanced Modulators/
Demodulators
These devices were designed for use where the output voltage is a
product of an input voltage (signal) and a switching function (carrier).
Typical applications include suppressed carrier and amplitude
modulation, synchronous detection, FM detection, phase detection,
and chopper applications. See ON Semiconductor Application Note
AN531 for additional design information.
Features
Excellent Carrier Suppression −65 dB typ @ 0.5 MHz
−50 dB typ @ 10 MHz
Adjustable Gain and Signal Handling
Balanced Inputs and Outputs
High Common Mode Rejection −85 dB Typical
This Device Contains 8 Active Transistors
Pb−Free Package is Available*
http://onsemi.com
SOIC−14
D SUFFIX
CASE 751A
14
1
14
1
PDIP−14
P SUFFIX
CASE 646
PIN CONNECTIONS
Signal Input 1
2
3
4
5
6
7
10
11
14
13
12
9
N/C
Output
Bias
Signal Input
Gain Adjust
Gain Adjust
Input Carrier
8
VEE
N/C
Output
N/C
Carrier Input
N/C
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 12 of this data sheet.
DEVICE MARKING INFORMATION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC1496Balanced mudulator/demodulator 1 2 3 4 NXP Semiconductors
DRV134_06AUDIO BALANCED LINE DRIVERS 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl